Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
Rev. 1.10
66
July 01, 2016
Rev. 1.10
67
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Example: using the interrupt method to detect the end of conversion
clr ADE
; disable ADC interrupt
mov a,03H
mov ADCR1,a
; select fSYS/8 as A/D clock and switch off 1.04V
clr ADOFF
mov a,0Fh
; setup ACERL to configure pins AN0~AN3
mov ACERL,a
mov a,00h
mov ADCR0,a
; enable and connect AN0 channel to A/D converter
Start_conversion:
clr START
; high pulse on start bit to initiate conversion
set START
; reset A/D
clr START
; start A/D
clr ADF
; clear ADC interrupt request flag
set ADE
; enable ADC interrupt
set EMI
; enable global interrupt
:
:
;ADC interrupt service routine
; ADC interrupt service routine
ADC_ISR:
mov acc_stack,a
; save ACC to user defined memory
mov a,STATUS
mov status_stack,a
; save STATUS to user defined memory
:
:
mov a,ADR
; read low byte conversion result value
mov adr_buffer,a
; save result to user defined register
:
:
EXIT_INT_ISR:
mov a,status_stack
mov STATUS,a
; restore STATUS from user defined memory
mov a, acc_stack
; restore ACC from user defined memory
reti
Note:TopowerofftheADC,itisnecessarytosetADOFFas"1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com