Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
Rev. 1.10
64
July 01, 2016
Rev. 1.10
65
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
t AD C
A/ D c onv er si on ti me
00011B
00010B
ST AR T
EO CB
AC S2 ~A CS 0
Po we r- on
Re se t
E nd of A /D
c onv er si on
1: D ef i ne por t co nf i gur at io n
2: S el ec t anal og ch a nnel
St ar t of A /D
c onv er si on
Re se t A/ D
c onv er te r
A/ D sa mp li ng ti me
t AD S
00000B
St ar t of A /D
c onv er si on
Re se t A/ D
c onv er te r
00001B
St ar t o f A /D
c onv er si on
Re se t A/ D
c onv er te r
E nd of A /D
c onv er si on
A/ D sa mp li ng ti me
t AD S
of f
on
on
t ON 2S T
t AD C
A/ D c onv er si on ti me
of f
AD ON B
AD C M odul e
ON
A/D Conversion Timing
A/D Programming Examples
ThefollowingtwoprogrammingexamplesillustratehowtosetupandimplementanA/Dconversion.
Inthefirstexample,themethodofpollingtheEOCBbitintheADCR0registerisusedtodetect
whentheconversioncycleiscomplete,whereasinthesecondexample,theA/Dinterruptisusedto
determinewhentheconversioniscomplete.
Example: using an EOCB polling method to detect the end of conversion
clr ADE
; disable ADC interrupt
mov a,03H
mov ADCR1,a
; select fSYS/8 as A/D clock and switch off 1.04V
clr ADOFF
mov a,0Fh
; setup ACERL to configure pins AN0~AN3
mov ACERL,a
mov a,00h
mov ADCR0,a
; enable and connect AN0 channel to A/D converter
:
start_conversion:
clr START
; high pulse on start bit to initiate conversion
set START
; reset A/D
clr START
; start A/D
polling_EOC:
sz EOCB
; poll the ADCR0 register EOCB bit to detect end
; of A/D conversion
jmp polling_EOC
; continue polling
mov a,ADR
; read low byte conversion result value
mov ADR_buffer,a
; save result to user defined register
:
:
jmp start_conversion ; start next A/D conversion
Note:TopowerofftheADC,itisnecessarytosetADOFFas"1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com