Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
Rev. 1.10
6
July 01, 2016
Rev. 1.10
7
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
General Description
TheseriesofdevicesareFlashMemoryA/Dtype8-bithighperformanceRISCarchitecture
microcontrolls.OfferinguserstheconvenienceofFlashMemorymulti-programmingfeatures,these
devicesalsoincludesawiderangeoffunctionsandfeatures.OthermemoryincludeanareaofRAM
DataMemory.
Analogfeaturesincludeanintegratedmulti-channelhigh-speedAnalogtoDigitalConverter,dual
OperationalAmplifiers,SwitchCapacitorFilterwithGaincontrolandoneinternal5.0VShunt
Regulatorforvoltageregulator,communicationwiththeoutsideworldiscateredforbyincluding
fullyintegratedBusControlUnit(BCU)interface,whichprovidedesignerswithameansoffast
andeasycommunicationwithexternalperipheralhardwarebyLinBuslikedatacommunication.
ProtectivefeaturessuchasaninternalWatchdogTimerandLowVoltageResetcoupledwith
excellentnoiseimmunityandESDprotectionensurethatreliableoperationismaintainedinhostile
electricalenvironments.
AfullchoiceofHIRCandLIRCoscillatorfunctionsareprovidedincludingafullyintegrated
systemoscillatorwhichrequiresnoexternalcomponentsforitsimplementation.TheusualHoltek
MCUfeaturessuchaspowerdownandwake-upfunctions,oscillatoroptions,etc.combinetoensure
userapplicationsrequireaminimumofexternalcomponents.
TheinclusionofflexibleI/Oprogrammingfeatures,alongwithmanyotherfeaturesensurethatthe
deviceswillfindexcellentuseinapplicationssuchascarparkingsystems,distancecontrolproducts,
measurementequipmentandmanyothers.
Selection Table
MostfeaturesarecommontoalldevicesandthemainfeaturesdistinguishingthemaretheI/Opin
countandLevelShiftoutputpins.Thefollowingtablesummarisesthemainfeaturesofeachdevice.
Part No.
VDD
System
Clock
Input
Voltage
Program
Memory
Data
Memory
I/O
Timer
Module
HT45F39
5.0V
400kHz~16MHz
or 32kHz
8V~16V
2K×16
160×8
11
10-bit
CTM×2
HT45F391 4.5V~5.5V
—
Part No.
A/D
OPA
SCF
AEP
Interface
Stack
Package
HT45F39
8-bit×8
2
1
1
BCU
4
16NSOP
HT45F391



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com