Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 84 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
Rev. 1.10
84
July 01, 2016
Rev. 1.10
85
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Auto-Envelope Process Comparator Interrupt
TheAuto-EnvelopeProcesscomparatorinterruptiscontrolledbythecomparingresults.The
comparingresultscanbedecidedbytheoptions.WhenthecomparingdataislessthantheSUM
data,thecompareoutputis"1",andwhenthecomparingdataisgreaterthantheSUMdata,the
compareoutputis"0".Thecomparingoutputresultcanbeusedtobethesourcetogeneratean
interrupt,ENVCMPINT.WhentheCMPOUToutputstatuschanges,itsrespectiveinterruptrequest
flag,ENVCMPFwillbeset.Toallowtheprogramtobranchtoitsrespectiveinterruptvector
address,theglobalinterruptenablebitEMIandANPcomparatorinterruptenablebitENVCMPE
mustfirstbeset.
Whentheinterruptisenabled,thestackisnotfullandthecomparatoroutputstatuschanges,a
subroutinecalltotheirrespectivevectorlocationswilltakeplace.Whentheinterruptisserviced,
therespectiveinterruptrequestflagENVCMPFwillbeautomaticallyresetandtheEMIbitwillbe
clearedtodisableotherinterrupts.
TheENVEDGE1andENVEDGE0bitsinENVCMPregisterareusedtoselectthetypeofactive
edgethatwilltriggertheAEPcomparatorinterrupt.Achoiceofeitherrisingorfallingorbothedge
typescanbechosentotriggeraninterrupt.
10-level FIFO Interrupt
Thedevicescontaina10-levelFIFOInterrupt.Whenthe10setsdataarereceivedortransmitted,
therespectiveinterruptrequestflagFIFO10Fwillbeset.Toallowtheprogramtobranchtoits
respectiveinterruptvectoraddress,theglobalinterruptenablebitEMIandthe10-levelFIFO
interruptenablebitFIFO10Emustfirstbeset.Whentheinterruptisenabled,thestackisnotfull
andthe10setsdatareceiveortransmitprocesshasended,asubroutinecalltothe10-levelFIFO
Interruptvector,willtakeplace.Whentheinterruptisserviced,theInterruptflag,FIFO10F,willbe
automaticallycleared.TheEMIbitwillalsobeautomaticallyclearedtodisableotherinterrupts.
A/D Converter Interrupt
TheA/DConverterInterruptiscontrolledbytheterminationofanA/Dconversionprocess.AnA/
DConverterInterruptrequestwilltakeplacewhentheA/DConverterInterruptrequestflag,ADF,
isset,whichoccurswhentheA/Dconversionprocessfinishes.Toallowtheprogramtobranchtoits
respectiveinterruptvectoraddress,theglobalinterruptenablebit,EMI,andA/DInterruptenablebit,
ADE,mustfirstbeset.Whentheinterruptisenabled,thestackisnotfullandtheA/Dconversion
processhasended,asubroutinecalltotheA/DConverterInterruptvector,willtakeplace.Whenthe
interruptisserviced,theA/DConverterInterruptflag,ADF,willbeautomaticallycleared.TheEMI
bitwillalsobeautomaticallyclearedtodisableotherinterrupts.
TM Interrupt
TheCompactTypeTMshavetwointerruptseach.ForeachoftheCompactTypeTMsthereare
twointerruptrequestflags,TPnFandTAnF,andtwoenablebitsTPnEandTAnE.ATMinterrupt
requestwilltakeplacewhenanyoftheTMrequestflagsisset,asituationwhichoccurswhenaTM
comparatorPorAmatchsituationhappens.
Toallowtheprogramtobranchtoitsrespectiveinterruptvectoraddress,theglobalinterruptenable
bitEMIandrespectiveTMInterruptenablebitmustfirstbeset.Whentheinterruptisenabled,
thestackisnotfullandaTMcomparatormatchsituationoccurs,asubroutinecalltotherelevant
Interruptvectorlocationswilltakeplace.WhentheTMinterruptisserviced,theTMinterrupt
requestflagswillbeautomaticallyclearedandtheEMIbitwillbeautomaticallyclearedtodisable
otherinterrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com