Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
Rev. 1.10
52
July 01, 2016
Rev. 1.10
53
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Bit2
TnPOL:TPnOutputpolarityControl
0:Non-invert
1:Invert
ThisbitcontrolsthepolarityoftheTnoutputpin.WhenthebitissethightheTM
outputpinwillbeinvertedandnotinvertedwhenthebitiszero.Ithasnoeffectifthe
TMisintheTimer/CounterMode.
Bit1
TnDPX:TMnPWMperiod/dutyControl
0:CCRP-period;CCRA-duty
1:CCRP-duty;CCRA-period
Thisbit,determineswhichoftheCCRAandCCRPregistersareusedforperiodand
dutycontrolofthePWMwaveform.
Bit0
TnCCLR:SelectTMnCounterclearcondition
0:TMnComparatorPmatch
1:TMnComparatorAmatch
Compact Type TM Operating Modes
TheCompactTypeTMcanoperateinoneofthreeoperatingmodes,CompareMatchOutputMode,
PWMModeorTimer/CounterMode.TheoperatingmodeisselectedusingtheTnM1andTnM0
bitsintheTMnC1register.
Compare Match Output Mode
Toselectthismode,bitsTnM1andTnM0intheTMnC1register,shouldbesetto_00_respectively.
Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythreemethods.Theseare
acounteroverflow,acomparematchfromComparatorAandacomparematchfromComparatorP.
WhentheTnCCLRbitislow,therearetwowaysinwhichthecountercanbecleared.Oneiswhen
acomparematchoccursfromComparatorP,theotheriswhentheCCRPbitsareallzerowhich
allowsthecountertooverflow.HerebothTnAFandTnPFinterruptrequestflagsfortheComparator
AandComparatorPrespectively,willbothbegenerated.IftheTnCCLRbitintheTMnC1
registerishighthenthecounterwillbeclearedwhenacomparematchoccursfromComparatorA.
However,hereonlytheTnAFinterruptrequestflagwillbegeneratedevenifthevalueoftheCCRP
bitsislessthanthatoftheCCRAregisters.ThereforewhenTnCCLRishighnoTnPFinterrupt
requestflagwillbegenerated.IftheCCRAbitsareallzero,thecounterwilloverflowwhenits
reachesitsmaximum10-bit,3FFHex,value,howeverheretheTnAFinterruptrequestflagwillnot
begenerated.Asthenameofthemodesuggests,afteracomparisonismade,theTMoutputpin
willchangestate.TheTMoutputpinconditionhoweveronlychangesstatewhenaTnAFinterrupt
requestflagisgeneratedafteracomparematchoccursfromComparatorA.TheTnPFinterrupt
requestflag,generatedfromacomparematchoccursfromComparatorP,willhavenoeffectonthe
TMoutputpin.ThewayinwhichtheTMoutputpinchangesstatearedeterminedbythecondition
oftheTnIO1andTnIO0bitsintheTMnC1register.TheTMoutputpincanbeselectedusingthe
TnIO1andTnIO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacompare
matchoccursfromComparatorA.TheinitialconditionoftheTMoutputpin,whichissetupafter
theTnONbitchangesfromlowtohigh,issetupusingtheTnOCbit.NotethatiftheTnIO1and
TnIO0bitsarezerothennopinchangewilltakeplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com