Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 83 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 83 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 87Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
Rev. 1.10
82
July 01, 2016
Rev. 1.10
83
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Auto-Envelop Comparator ENVCMPF
ENVCMPE
EMI
04H
EMI
08H
CTM0 CCRA TA0F
TA0E
EMI
0CH
EMI
10H
EMI
14H
INT Pin
INTF
INTE
EMI
20H
Interrupt
Name
Request
Flags
Enable
Bits
Master
Enable
Vector
EMI auto disabled
in ISR
Priority
High
Low
CTM0 CCRP TP0F
TP0E
xxE
Enable Bits
xxF
Request Flag, auto reset in ISR
Legend
xxF
Request Flag, no auto reset in ISR
EMI
24H
10-Level FIFO INT FIFO10E
FIFO10F
CTM1 CCRA TA1F
TA1E
A/D
ADF
ADE
EMI
18H
CTM1 CCRP TP1F
TP1E
Interrupt Structure
External Interrupt
TheexternalinterruptiscontrolledbysignaltransitiononthepinINT.Anexternalinterruptrequest
willtakeplacewhentheexternalinterruptrequestflag,INTFisset,whichwilloccurwhena
transition,whosetypeischosenbytheedgeselectbits,appearsontheexternalinterruptpin.To
allowtheprogramtobranchtoitsrespectiveinterruptvectoraddress,theglobalinterruptenablebit,
EMI,andrespectiveexternalinterruptenablebitINTE,mustfirstbeset.Additionallythecorrect
interruptedgetypemustbeselectedusingtheINTEDEGregistertoenabletheexternalinterrupt
functionandtochoosethetriggeredgetype.Astheexternalinterruptpinispin-sharedwithI/
Opin,itcanonlybeconfiguredasexternalinterruptpinifitsexternalinterruptenablebitinthe
correspondinginterruptregisterhasbeenset.
Thepinmustalsobesetupasaninputbysettingthecorrespondingbitintheportcontrolregister.
Whentheinterruptisenabled,thestackisnotfullandthecorrecttransitiontypeappearsonthe
externalinterruptpin,asubroutinecalltotheexternalinterruptvector,willtakeplace.Whenthe
interruptisserviced,theexternalinterruptrequestflags,INT0F,INT1F,willbeautomatically
resetandtheEMIbitwillbeautomaticallyclearedtodisableotherinterrupts.Notethatanypull-
highresistorselectionsontheexternalinterruptpinswillremainvalidevenifthepinisusedasan
externalinterruptinput.
TheINTEDEGregisterisusedtoselectthetypeofactiveedgethatwilltriggertheexternal
interrupt.Achoiceofeitherrisingorfallingorbothedgetypescanbechosentotriggeranexternal
interrupt.NotethattheINTEDEGregistercanalsobeusedtodisabletheexternalinterruptfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com