Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
Rev. 1.10
18
July 01, 2016
Rev. 1.10
19
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Table Read Program Example:
tempreg1 db ?
; temporary register #1
tempreg2 db ?
; temporary register #2
:
:
mov a,06h
; initialise table pointer - note that this address
; is referenced to the last page or present page
mov tblp,a
:
:
tabrdl tempreg1
; transfers value in table referenced by table pointer
; to tempregl
; data at prog. memory address "0706H" transferred
; to tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdl tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog.memory address "0705H" transferred to
; tempreg2 and TBLH
; in this example the data "1AH" is transferred to
; tempreg1 and data "0FH" to register tempreg2
; the value "00H" will be transferred to the high byte
:
; register TBLH
:
org 0700h
; sets initial address of last page
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
In Circuit Programming – ICP
TheprovisionofFlashtypeProgramMemoryprovidestheuserwithameansofconvenientandeasy
upgradesandmodificationstotheirprogramsonthesamedevice.Asanadditionalconvenience,
Holtekhasprovidedameansofprogrammingthemicrocontrollerin-circuitusinga4-pininterface.
Thisprovidesmanufacturerswiththepossibilityofmanufacturingtheircircuitboardscompletewith
aprogrammedorun-programmedmicrocontroller,andthenprogrammingorupgradingtheprogram
atalaterstage.Thisenablesproductmanufacturerstoeasilykeeptheirmanufacturedproducts
suppliedwiththelatestprogramreleaseswithoutremovalandre-insertionofthedevices.
Holtek Write Pins
MCU Programming Pins
Function
ICPDA
PA0
Programming Serial Data
ICPCK
PA2
Programming Serial Clock
VDD
VDD
Power Supply
VSS
VSS
Ground
TheProgramMemoryandEEPROMdatamemorycanbothbeprogrammedseriallyin-circuitusing
this4-wireinterface.Dataisdownloadedanduploadedseriallyonasinglepinwithanadditional
linefortheclock.Twoadditionallinesarerequiredforthepowersupplyandground.Thetechnical
detailsregardingthein-circuitprogrammingofthedevicesarebeyondthescopeofthisdocument
andwillbesuppliedinsupplementaryliterature.
Duringtheprogrammingprocess,theusermusttakecareoftheICPDAandICPCKpinsfordata
andclockprogrammingpurposestoensurethatnootheroutputsareconnectedtothesetwopins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com