Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 68 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 68 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 72Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
Rev. 1.10
68
July 01, 2016
Rev. 1.10
69
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Auto-Envelope Processing Operation
TheAuto-EnvelopeProcessingUnitinputsignalissourcedfromtheADCoutput.
Thefollowingpointsshouldbenoted:
• IftheSUMvalueisover8bits,thentheSUMvaluewillbesetto0xffautomatically.
• TheworkingFIFOhas10levels,locatedinthe18-levelFIFO.When10bytesintheFIFOhave
beenreadorwrittenaninterruptwillbegenerated.
Therearetwooperatingmodes,selectedbytheAEVMODbitintheAVPCTRLregister.
AVEMOD=0 – Mode0
• ThecompareddataisdeterminedbythedataintheSUMCMPregister.Thereisonlyonecompare
datainmode0.
• Thedata,namelySUM,willbeinputintothe10LevelFIFOdirectly.Whenthe10-LevelFIFOinterrupt
isenabledandthe10thdataisreceived,itwillgenerateaninterrupt.Notethattheusershouldfetchthe
receiveddatawithinatimeof40instructioncyclestopreventdatafromgoingmissing.
ThedesignercansetupvariousvaluesintheSUMCMPregistertoformvariousthresholdvoltage
levels.Inthisway,thedesignercanimplementanautomaticthresholdadaptationfunction.Usually,
thismodeisusedtodetectUltrasonicsensorechosandtocalculatethedistanceforlongdistance
measurements.
AVEMOD=1 – Mode1
• Thismodeisusedtocomparetheinputdataandcompareitwiththedatainthe10-levelFIFOat
a800KHzclockrate.Theusercanenter10setsofthecomparisondataintothe10-levelFIFO.
WhentheAEPisenabledbytheAVPbit,thesystemhardwarewillautomaticallyfetchthedata
fromtheFIFOtocomparewiththeinputsignalata800KHzclockrate.When10setsofdata
havebeenfetchedfromtheFIFO,thesystemwillgenerateaninterruptandtheusershouldthen
enteranother10setsofdatatotheFIFOwithinatimeof40instructionscycles.
Atthebeginning,thedesignercanusetheAEPunittorecordtheUltrasonicsensorvibration
waveformdatausingtheIAPfunction.Therecordedwaveformdatacanbeusedasreferencedata
forcomparisonwiththeinputsignaltodetecttheEchointheSensorVibrationrangetoimplement
theshortrangefunctioninthismode.
Thecomparedresultscanbedeterminedbytheoptions.Whenthecompareddataislessthanthe
SUMdata,thecompareoutputis"1",andwhenthecomparrddataisgreaterthantheSUMdata,the
compareoutputis"0".Thecomparedoutputresultcanbeusedasthesourcetogenerateaninterrupt,
ENVCMPINT.ThetriggeredgecanbeselectedbytheENVEDGE1andENVEDGE0bitsinthe
ENVCMPregister.
Auto Envelop Process Unit Register Description
TheAutoEnvelopProcessUnit,namelyAEP,isimplementedinhardware.Theoveralloperation
oftheAEPunitiscontrolledusingnineregisters.TheDVCMregister,theADCconverteddataof
theVCM,isusedtoprovidetheinputsignalfortheRectifiertoimplementthefullwaverectified
function.TheSUMCMPregisterisusedtosetuptheComparatorValuefortheComparator
inputdata.TheENVCMPregisterisusedtosetuptheADCsamplingphaseadjustmentandthe
ComparatorInterruptEnableconditions.TheAVPCTRLregisteristhecontrolregisterfortheAEP
unit.Thesetworegisters,FIFOOUTandFIFOIN,areassignedfortheFIFOinputandoutputdata
register.TheFIFOWR_ADDRandFIFORD_ADDRregistersareusedtocheckthecurrentread
andwriteFIFOaddress.TheFIFOCTRLregisteristheFIFOcontrolregisterwhichcontrolsthe
operationandindicatesthestatusoftheFIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com