Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 60 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 60 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 64Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
Rev. 1.10
60
July 01, 2016
Rev. 1.10
61
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
A/D Converter Data Register – ADR
Asthedevicescontainaninternal8-bitA/Dconverter,theyrequireadataregistertostorethe
convertedvalue,knownasADR.Aftertheconversionprocesstakesplace,theregistercanbe
directlyreadbythemicrocontrollertoobtainthedigitisedconversionvalue.
• ADR Register
BIT
7
6
5
4
3
2
1
0
NAME
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
R/W
R
R
R
R
R
R
R
R
POR
x
x
x
x
x
x
x
x
"x" unknown
Bit7~0
ADR7~ADR0:A/DConversiondata
A/D Converter Conterl Registers – ADCR0, ADCR1, ACERL
TocontrolthefunctionandoperationoftheA/Dconverter,threecontrolregistersknownasADCR0,
ADCR1andACERLareprovided.These8-bitregistersdefinefunctionssuchastheselectionof
whichanalogchannelisconnectedtotheinternalA/Dconverter,theA/Dclocksourceaswell
ascontrollingthestartfunctionandmonitoringtheA/Dconverterendofconversionstatus.The
ACS3~ACS0bitsintheADCR0registerandACS4bitistheADCR1registerdefinetheADC
inputchannelnumber.Asthedevicescontainonlyoneactualanalogtodigitalconverterhardware
circuit,eachoftheindividual8analoginputsmustberoutedtotheconverter.Itisthefunctionof
theACS4~ACS0bitstodeterminewhichanalogchannelinputpinsorinternal1.04Visactually
connectedtotheinternalA/Dconverter.
TheACERLcontrolregistercontainstheACER7~ACER0bitswhichdeterminewhichpinsonPort
AareusedasanaloginputsfortheA/DconverterinputandwhichpinsarenottobeusedastheA/
Dconverterinput.SettingthecorrespondingbithighwillselecttheA/Dinputfunction,clearingthe
bittozerowillselecteithertheI/Oorotherpin-sharedfunction.Whenthepinisselectedtobean
A/Dinput,itsoriginalfunctionwhetheritisanI/Oorotherpin-sharedfunctionwillberemoved.In
addition,anyinternalpull-highresistorsconnectedtothesepinswillbeautomaticallyremovedifthe
pinisselectedtobeanA/Dinput.
ADCR0 Register
Bit
7
6
5
4
3
2
1
0
Name
START
EOCB
ADOFF
—
ACS3
ACS2
ACS1
ACS0
R/W
R/W
R
R/W
—
R/W
R/W
R/W
R/W
POR
0
1
1
—
0
0
0
0
Bit7
START:StarttheA/Dconversion
0->1->0:start
0->1:resettheA/DconverterandsetEOCBto"1"
ThisbitisusedtoinitiateanA/Dconversionprocess.Thebitisnormallylowbutifset
highandthenclearedlowagain,theA/Dconverterwillinitiateaconversionprocess.
WhenthebitissethightheA/Dconverterwillbereset.
NotethatiftheAuto-EnvelopeProcessingUnitcontrolbit,namelySAVP,issetby
theapplication,theSTARTcontrolbitisinvalidandtheA/Dconversionfunctionis
controlledbyAuto-EnvelopeProcessingUnit.
Bit6
EOCB:EndofA/Dconversionflag
0:A/Dconversionended
1:A/Dconversioninprogress
ThisreadonlyflagisusedtoindicatewhenanA/Dconversionprocesshascompleted.
Whentheconversionprocessisrunning,thebitishigh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com