Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 102 page
background image
Rev. 1.10
40
July 01, 2016
Rev. 1.10
41
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Register
Power-on Reset
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-Out
(SLEEP0/SLEEP1)
FD0L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD0H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD1L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD1H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD2L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD2H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD3L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD3H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FIFOWR_
ADDR
0000 0000
0000 0000
0000 0000
uuuu uuuu
FIFORD_
ADDR
---- ---0
---- ---0
---- ---0
---- ---u
FIFOCTRL
0000 0000
0000 0000
0000 0000
uuuu uuuu
DVCM
0000 0000
0000 0000
0000 0000
uuuu uuuu
SUMCMP
0000 0000
0000 0000
0000 0000
uuuu uuuu
SCFCTL
0-00 0000
0-00 0000
0-00 0000
u-uu uuuu
AVPCTRL
00-0 -000
00-0 -000
00-0 -000
uu-u -uuu
ENVCMP
00 —0 00-
00 —0 00-
00 —0 00-
uu —u uu-
FIFOIN
0000 0000
0000 0000
0000 0000
uuuu uuuu
FIFOOUT
0000 0000
0000 0000
0000 0000
uuuu uuuu
CTRL
---- -000
---- -000
---- -000
---- -000
SENCOMM
---- 0000
---- 0000
---- 0000
---- uuuu
Note:"u"standsforunchanged
"x"standsforunknown
"-"standsforunimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com