Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 102 page
background image
Rev. 1.10
34
July 01, 2016
Rev. 1.10
35
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Watchdog Timer
TheWatchdogTimerisprovidedtopreventprogrammalfunctionsorsequencesfromjumpingto
unknownlocations,duetocertainuncontrollableexternaleventssuchaselectricalnoise.
Watchdog Timer Clock Source
TheWatchdogTimerclocksourceisprovidedbytheinternalclock,whichissourcedfromtheLIRC
oscillator.TheWatchdogTimersourceclockisthensubdividedbyaratioof28to218togivelonger
timeouts,theactualvaluebeingchosenusingtheWS2~WS0bitsintheWDTCregister.TheLIRC
internaloscillatorhasanapproximateperiodof32kHzatasupplyvoltageof5V.
However,itshouldbenotedthatthisspecifiedinternalclockperiodcanvarywithVDD,temperature
andprocessvariations.
Watchdog Timer Control Register
Asingleregister,WDTC,controlstherequiredtimeoutperiodaswellastheenable/disable
operation.TheWRFsoftwareresetflagwillbeindicatedintheCTRLregister.Thisregistertogether
withseveraloptionscontroltheoveralloperationoftheWatchdogTimer.
WDTC Register
Bit
7
6
5
4
3
2
1
0
Name
WE4
WE3
WE2
WE1
WE0
WS2
WS1
WS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
1
0
0
1
1
Bit7~3
WE4~WE0:WDTfunctionsoftwarecontrol
10101or01010:WDTEnabled
Othervalues:ResetMCU
Whenthesebitsarechangedtoanyothervaluesduetoenvironmentalnoisethe
microcontrollerwillbereset;thisresetoperationwillbeactivatedafter2~3LIRCclock
cyclesandtheWRFbitintheCTRLregisterwillbesetto1toindicatetheresetsource.
Bit2~0
WS2, WS1, WS0 :WDTtime-outperiodselection
000:256/fSUB
001:512/fSUB
010:1024/fSUB
011:2048/fSUB
100:4096/fSUB
101:8192/fSUB
110:16384/fSUB
111:32768/fSUB
ThesethreebitsdeterminethedivisionratiooftheWatchdogTimersourceclock,
whichinturndeterminesthetimeoutperiod.
CTRL Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
LVRF
LRF
WRF
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
x
0
0
"x" unknown
Bit7~3
"—":Unimplemented,readas"0"
Bit2
LVRF:LVRfunctionresetflag
Describedelsewhere.
Bit1
LRF:LVRControlregistersoftwareresetflag
Describedelsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com