Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
Rev. 1.10
72
July 01, 2016
Rev. 1.10
73
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
FIFORD_ADDR
BIT
7
6
5
4
3
2
1
0
NAME
—
—
—
FRD4
FRD3
FRD2
FRD1
FRD0
R/W
—
—
—
R
R
R
R
R
POR
—
—
—
0
0
0
0
0
ThecurrentreadaddressoftheFIFOdata.datathisaddressItisareadonlyregister.
FIFOCTRL
BIT
7
6
5
4
3
2
1
0
NAME
—
—
—
—
Empty
Full
FRESET FSTART
R/W
—
—
—
—
R
R
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented
Bit3
Empty
0:Notempty
1:Empty
IftheFIFOreadaddressisequaltotheFIFOwriteaddressbyoneaddress,the
flagisautomaticallysetto"1"untiltheuserwritesa"0"toclearisthebitusingthe
applicationprogram.ThebitisonlyvalidifAEVMODissetto"1".
Bit2
Full
0:Notfull
1:Full
IftheFIFOwriteaddressisbehindtheFIFOreadaddressbyoneaddress,theflagis
automaticallysetto"1"untiltheuserwritesa"0"toclearthebitusingtheapplication
program.ThebitisonlyvalidifAEVMODissetto"0".
Bit1
FRESET
The FRESET bit is used to align the Read address andWrite address in the
FIFO.Whenthealignmenthasbeenimplemented,thisbitwillbeclearedto"0"
automatically.NotethatthisbitisonlyvalidiftheFSTARTbitissetto"0".
Bit0
FSTART
1:StarttowritedataintoFIFOorreaddatafromtheFIFOautomaticallythroughthe
Auto-Envelopeprocessingmechanismusinghardware.
0:StopwritingdataintotheFIFOorreadingdatafromtheFIFOthroughtheAuto-
envelopeprocessingmechanism.DatacanbewrittentoorreadfromtheFIFO
manuallyusingtheapplicationprogram.
NotethatwhentheAEVMODbitissethigh,thedesignercanwritethedataintoFIFO
astheComparatordata.WhentheAEVMODbitisclearedlow,thedesignercanread
thedatafromFIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com