Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 61 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 61 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 65Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
Rev. 1.10
60
July 01, 2016
Rev. 1.10
61
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
NotethatiftheAuto-EnvelopeProcessingUnitcontrolbit,namelySAVP,issetbythe
application,theEOCBbitisinvalidandtheA/Dconversionfunctioniscontrolledby
theAuto-EnvelopeProcessingUnit.
Bit5
ADOFF:ADCModulepoweron/offcontrolbit
0:Poweron
1:Poweroff
ThisbitcontrolsthepowertotheA/Dinternalfunction.Thisbitshouldbecleared
tozerotoenabletheA/Dconverter.IfthebitissethighthentheA/Dconverterwill
beswitchedoffreducingthedevicespowerconsumption.AstheA/Dconverterwill
consumealimitedamountofpower,evenwhennotexecutingaconversion,thismay
beanimportantconsiderationinpowersensitivebatterypoweredapplications.
Note:ItisrecommendedtosetADOFF=1beforeenteringSLEEP0/SLEEP1Modefor
savingpower.
ADOFF=1willpowerdowntheADCmodule.
Bit4
Unimplemented,readas"0"
Bit3~0
ACS3~ACS0:SelectA/Dchannel(ACS4=0)
0000AN0
0001AN1
0010AN2
0011AN3
0100AN4
0101AN5
0110AN6
0111AN7
1000SCFOutput(MUXIN)
1001VCM
ThesearetheA/Dchannelselectcontrolbits.Asthereisonlyoneinternalhardware
A/DconvertereachoftheeightA/Dinputsmustberoutedtotheinternalconverter
usingthesebits.
ADCR1 Register
Bit
7
6
5
4
3
2
1
0
Name
ACS4
VBGEN
—
—
—
ADCK2
ADCK1
ADCK0
R/W
R/W
R/W
—
—
—
R/W
R/W
R/W
POR
1
1
—
—
—
0
0
0
Bit7
ACS4:SelecteInternal1.04VasADCinputControl
0:Disable
1:Enable
Thisbitenables1.04VtobeconnectedtotheA/Dconverter.TheVBGENbitmust
firsthavebeensettoenablethebandgapcircuit1.04VvoltagetobeusedbytheA/D
converter.WhentheACS4bitissethigh,thebandgap1.04Vvoltagewillberoutedto
theA/DconverterandtheotherA/Dinputchannelsdisconnected.
Bit6
VBGEN:Internal1.04VControl
0:Disable
1:Enable
ThisbitcontrolstheinternalBandgapcircuiton/offfunctiontotheA/Dconverter.
Whenthebitissethighthebandgapvoltage1.04VcanbeusedbytheA/Dconverter.
If1.04VisnotusedbytheA/Dconverter,thenthebandgapreferencecircuitwillbe
automaticallyswitchedofftoconservepower.When1.04Visswitchedonforuseby
theA/Dconverter,atimetBGshouldbeallowedforthebandgapcircuittostabilize
beforeimplementinganA/Dconversion.
Bit5~3
unimplemented,readas"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com