Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
Rev. 1.10
42
July 01, 2016
Rev. 1.10
43
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Input/Output Ports
HoltekmicrocontrollersofferconsiderableflexibilityontheirI/Oports.Withtheinputoroutput
designationofeverypinfullyunderuserprogramcontrol,pull-highselectionsforallportsand
wake-upselectionsoncertainpins,theuserisprovidedwithanI/Ostructuretomeettheneedsofa
widerangeofapplicationpossibilities.
Thedevicesprovidebidirectionalinput/outputlineslabeledwithportnamesPA~PB.TheseI/O
portsaremappedtotheRAMDataMemorywithspecificaddressesasshownintheSpecialPurpose
DataMemorytable.AlloftheseI/Oportscanbeusedforinputandoutputoperations.Forinput
operation,theseportsarenon-latching,whichmeanstheinputsmustbereadyattheT2risingedge
ofinstruction"MOVA,[m]",wheremdenotestheportaddress.Foroutputoperation,allthedatais
latchedandremainsunchangeduntiltheoutputlatchisrewritten.
I/O Register List
Register
Name
Bit
7
6
5
4
3
2
1
0
PAWK
D7
D6
D5
D4
D3
D2
D1
D0
PAPU
D7
D6
D5
D4
D3
D2
D1
D0
PA
D7
D6
D5
D4
D3
D2
D1
D0
PAC
D7
D6
D5
D4
D3
D2
D1
D0
PB
—
—
—
—
—
D2
D1
D0
PBC
—
—
—
—
—
D2
D1
D0
PBPU
—
—
—
—
—
D2
D1
D0
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringthe
useofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,allI/Opins,when
configuredasaninputhavethecapabilityofbeingconnectedtoaninternalpull-highresistor.These
pull-highresistorsareselectedusingregistersPAPU~PBPU,andareimplementedusingweak
PMOStransistors.
PAPU Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
PAbit7~bit0Pull-HighControl
0:Disable
1:Enable
PBPU Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
D2
D1
D0
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
0
0
0
Bit7~3
"—":Unimplemented,readas"0"
Bit2~0
PBbit2~bit0Pull-HighControl
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com