Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
Rev. 1.10
70
July 01, 2016
Rev. 1.10
71
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
TheSAVPbitisusedtoenabletheAEPfunction.
• AVPCTRL Register (Auto-Envelope Control Register)
BIT
7
6
5
4
3
2
1
0
NAME
Dn
Kn
—
SUMSEL
—
AEVMOD
—
SAVP
R/W
R/W
R/W
—
R/W
—
R/W
—
R/W
POR
0
0
—
0
—
0
—
0
Bit7
Dn:DividerValuefor40KHzor58KHzUltrasonicSensor
0:4-58KHzUltrasonicsensor
1:8-40KHzUltrasonicsensor
NotethatiftheUltrasonicsensorfrequencyis58KHz,thenthisbitmustbeselected
as"0",theaccumulatedvaluefromtheADDERwillbedividedby"4"beforeentering
theComparator.WhentheUltrasonicsensorfrequencyis40KHz,thisbeshouldbe
selectedas"1".
Bit6
Kn:KnValue
0:AccumulateADCconverteddata10timestoproduceanoutputADDOUT.
1:AccumulateADCconverteddata7timestoproduceanoutputADDOUT.
Bit5
Unimplemented
Bit4
SUMSEL:Comparatorinputpath,SUM,selection
0:SUMSEL=0,fromDivideroutput
1:SUMSEL=1,fromADCconverteddataoutput
Bit3
Unimplemented
Bit2
AEVMOD:Auto-EnvelopefunctionModeselection
0:Mode0
1:Mode1
InMode0,theComapartorValueisfromtheSUMCMPregisterandtheADC
converteddataortheDivideroutputdatawillbestoredintheFIFO.Whentheinput
datahasmorethan10sets,itwillgenerateaninterrupt.
InMode1,theComparatorValueisfromtheFIFOandthedesignershouldfillinthe
10-levelFIFOtocompareitwiththeinputsingalconverteddata.TheComparatorwill
fetchdataintheFIFOatan800KHzdatarate.Whena10-levelFIFOinterrupttakes
place,thedsignershouldre-enter10setsofdataintotheFIFO.
Bit1
Unimplemented
Bit0
SAVP:ActivateAuto-envelopeprocessor
0:Inactivate
1:Activate
WhentheSAVPbitisactivatedbytheapplication program, thewholeauto-
envelopeprocessingfunctionisstarted.ItwillactivatetheADCandSCFfunctions
simultaneously.
FIFO Operation
Thesedevicesprovidean10-levelFIFO.Whenthe10-LevelFIFOinterruptisenabledand10sets
ofdataarereceivedortransmitted,aninterruptwillbegenerated.Therearefiveregistersrelated
tothisFIFOoperation.TheFIFORD_ADDRregisterisusedtoindicatethecurrentreadaddress
andtheFIFOWR_ADDRisusedtoindicatethecurrentwriteaddressinFIFO.TheFIFOCTRL
registerisusedtocontroltheFIFOoperationandtoindicatetheFIFOstatus.Thedesignercanuse
thisregistertoinitialisetheFIFO,tostarttheFIFOoperationandtochecktheFIFIOstatus.The
followingoperatingdiagramillustratestheFIFOstructure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com