Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 75 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 75 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 79Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
Rev. 1.10
74
July 01, 2016
Rev. 1.10
75
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Bus Control Unit for 12V Interface Application
ThefollowingapplicationBlockdiagramillustratesthe12Vinterfaceapplication.Notethatthe
IOCNTbitisonlyusedforthe5Vinterfaceapplication.Inthe12Vinterface,thisbitshouldbe
clearedto"0".
Host
PA7
PA2
PA3
PA6
100Ω
10kΩ
10kΩ
10kΩ
10kΩ
5V
PA7
PA2
PA3
PA6
100Ω
10kΩ
10kΩ
470Ω
100Ω
470Ω
470Ω
100Ω
470Ω
IOC
IOC
INSEL1
INSEL1
PA3 I/O
PA6 I/O
1
0
PA3 I/O
PA6 I/O
1
0
1
0
1
0
INSEL2
INSEL2
IOC
IOC
HT45F39/HT45F391(1)
HT45F39/HT45F391(2)
Down
Stream
Up Stream
Up Stream
Down Stream
BCU
BCU
12V
5V
12V
5V
12V
5V
12V
10kΩ
10kΩ
12V Interface Application Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com