Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
Rev. 1.10
58
July 01, 2016
Rev. 1.10
59
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
A/D Converter
Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic
systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe
convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic
circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe
correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements.
A/D Overview
Thedevicescontainamulti-channelanalogtodigitalconverterwhichcandirectlyinterfaceto
externalanalogsignals,suchasthatfromsensorsorothercontrolsignalsandconvertthesesignals
directlyintoeithera8-bitdigitalvalue.
A/ D Co nv er te r
AN 0
AN 1
AN 7
A/ D Re fe re nc e Vo lt ag e
AD R
A/ D Da ta R egi st er s
ST AR T EO CB AD OF F
V SS
A DCK 2 ~A DC K0
f SY S
AC E7 ~A CE 0
AC S4 ~A CS 0
SC F Ou t put
A/ D Cl oc k
VD D
AD OF F
¸ 2 N
(N =0 ~7 )
VC M
Ba n dgap Re fe r enc e
A/D Converter Structure
A/D Converter Register Description
OveralloperationoftheA/Dconverteriscontrolledusingfourregisters.Areadonlyregisterpair
existstostoretheADCdata8-bitvalue.Theremainingregistersarecontrolregisterswhichsetup
theoperatingandcontrolfunctionoftheA/Dconverter.
Register
Name
Bit
7
6
5
4
3
2
1
0
ADR
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
ADCR0
Start
EOCB
ADOFF
---
ACS3
ACS2
ACS1
ACS0
ADCR1
ACS4
VBGEN
---
---
---
ADCK2
ADCK1
ADCK0
ACERL
ACE7
ACE6
ACE5
ACE4
ACE3
ACE2
ACE1
ACE0
A/D Converter Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com