Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
Rev. 1.10
18
July 01, 2016
Rev. 1.10
19
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Look-up Table
AnylocationwithintheProgramMemorycanbedefinedasalook-uptablewhereprogrammers
canstorefixeddata.Tousethelook-uptable,thetablepointermustfirstbesetupbyplacingthe
lowerorderaddressofthelookupdatatoberetrievedinthetablepointerregister,TBLP.This
registerdefinesthelower8-bitaddressofthelook-uptable.Aftersettingupthetablepointer,
thetabledatacanberetrievedfromthecurrentProgramMemorypageorlastProgramMemory
pageusingtheTABRDC[m]orTABRDL[m]instructions,respectively.Whentheseinstructions
areexecuted,thelowerordertablebytefromtheProgramMemorywillbetransferredtotheuser
definedDataMemoryregister[m]asspecifiedintheinstruction.Thehigherordertabledatabyte
fromtheProgramMemorywillbetransferredtotheTBLHspecialregister.Anyunusedbitsinthis
transferredhigherorderbytewillbereadas0.
Thefollowingdiagramillustratestheaddressing/dataflowofthelook-uptable:
Re gi st er T BL H
Us er S el ec te d
Re gi st er
Hi gh B yt eL ow B yt e
PC H ig h By te
TB LP R eg is te r
Da ta
16 b it s
Pr og ra m Me mo ry
Instruction
Table Location Bits
b10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
TABRDC [m] PC10 PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Note:PC10~PC8:CurrentProgramCounterbits
@7~@0:TablePointerTBLPbits
Table Program Example
Theaccompanyingexampleshowshowthetablepointerandtabledataisdefinedandretrievedfrom
thedevices.Thisexampleusesrawtabledatalocatedinthelastpagewhichisstoredthereusing
theORGstatement.ThevalueatthisORGstatementis"0700H"whichreferstothestartaddress
ofthelastpagewithinthe2KProgramMemoryofthedevices.Thetablepointerissetuphereto
haveaninitialvalueof"06H".Thiswillensurethatthefirstdatareadfromthedatatablewillbeat
theProgramMemoryaddress"0706H"or6locationsafterthestartofthelastpage.Notethatthe
valueforthetablepointerisreferencedtothefirstaddressofthepresentpageifthe"TABRDC[m]"
instructionisbeingused.Thehighbyteofthetabledatawhichinthiscaseisequaltozerowillbe
transferredtotheTBLHregisterautomaticallywhenthe"TABRDL[m]"instructionisexecuted.
BecausetheTBLHregisterisaread-onlyregisterandcannotberestored,careshouldbetaken
toensureitsprotectionifboththemainroutineandInterruptServiceRoutineusethetableread
instructions.Ifusingthetablereadinstructions,theInterruptServiceRoutinesmaychangethe
valueofTBLHandsubsequentlycauseerrorsifusedagainbythemainroutine.Asaruleitis
recommendedthatsimultaneoususeofthetablereadinstructionsshouldbeavoided.However,in
situationswheresimultaneoususecannotbeavoided,theinterruptsshouldbedisabledpriortothe
executionofanymainroutinetable-readinstructions.Notethatalltablerelatedinstructionsrequire
twoinstructioncyclestocompletetheiroperation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com