Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
Rev. 1.10
22
July 01, 2016
Rev. 1.10
23
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
• FD3H Register
Bit
7
6
5
4
3
2
1
0
Name
D15
D14
D13
D12
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
ThefourthFlashMemorydata[15:8]
• FC0 Register
Bit
7
6
5
4
3
2
1
0
Name
CFWEN
FMOD2
FMOD1
FMOD0
FWPEN
FWT
FRDEN
FRD
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
1
1
0
0
0
0
Bit7
CFWEN:FlashROMWritecontrolbit
0:Disable
1:Enable
Whenthisbitisclearedto0byapplicationprogram,theFlashmemorywritefunction
isdisabled.Notethatwritinga"1"intothisbitresultsinnoaction.Thisbitisused
toindicatethattheFlashmemorywritefunctionstatus.Whenthisbitissetto1by
hardware,itmeansthattheFlashmemorywritefunctionisenabledsuccessfully.
Otherwise,theFlashmemorywritefunctionisdisabledasthebitcontentiszero.
Bit6~4
FMOD2~FMOD0:FlashProgrammemoryoperatingmodecontrolbits
000:writememorymode
001:Pageerasemode
010:Reserved
011Readmemorymode
100:Reserved
101:Reserved
110:FWENmode-Flashmemorywritefunctionenablemode
111:Reserved
Bit3
FWPEN:FlashmemoryWriteprocedureenablecontrol
0:Disable
1:Enable
Whenthisbitissetto1andtheFMODfieldissetto"110",theIAPcontrollerwill
executethe"Flashmemorywritefunctionenable"procedure.OncetheFlashmemory
writefunctionissuccessfullyenabled,itisnotnecessarytosettheFWPENbitany
more.
Bit2
FWT:FlashmemoryWriteControl
0:Writecyclehasfinished
1:Activateawritecycle
ThisbitissetbysoftwaretoactivateawriteFlashmemorycycleandclearedby
hardwarewhentheFlashmemorywriteprocessiscompleted.
Bit1
FRDEN:FlashMemoryReadEnable
0:Disable
1:Enable
ThisisbitmustbesethighbeforeaFlashmemoryreadoperationiscarriedout.
ClearingthisbittozerowillinhibitFlashmemoryreadoperations.
Bit0
FRD:FlashmemoryReadControl
0:Readcyclehasfinished
1:Activateareadcycle
ThisbitissetbysoftwaretoactivateareadFlashmemorycycleandclearedby
hardwarewhentheFlashmemoryreadprocessiscompleted.
Note:TheFWT,FRDENandFRDregisterscannotbesetto"1"atthesametimewith
asingleinstruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com