Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
Rev. 1.10
36
July 01, 2016
Rev. 1.10
37
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Low Voltage Reset – LVR
Themicrocontrollercontainsalowvoltageresetcircuitinordertomonitorthesupplyvoltageofthe
devicesandprovideanMCUresetshouldthevaluefallbelowacertainpredefinedlevel.
• LVR Operation
TheLVRfunctionisalwaysenabledwithaspecificLVRvoltageVLVR.Ifthesupplyvoltageof
thedevicesdroptowithinarangeof0.9V~VLVRsuchasmightoccurwhenchangingthebatteryin
batterypoweredapplications,theLVRwillautomaticallyresetthedevicesinternallyandtheLVRF
bitintheCTRLregisterwillalsobesetto1.ForavalidLVRsignal,alowsupplyvoltage,i.e.,a
voltageintherangebetween0.9V~VLVRmustexistforatimegreaterthanthatspecifiedbytLVR
intheA.C.characteristics.Ifthelowsupplyvoltagestatedoesnotexceedthisvalue,theLVRwill
ignorethelowsupplyvoltageandwillnotperformaresetfunction.TheactualVLVRvaluecanbe
selectedbytheLVSbitsintheLVRCregister.IftheLVS7~LVS0bitsarechangedtosomedifferent
valuesbyenvironmentalnoise,theLVRwillresetthedevicesafter2~3LIRCclockcycles.When
thishappens,theLRFbitintheCTRLregisterwillbesetto1.Afterpowerontheregisterwill
havethevalueof01010101B.NotethattheLVRfunctionwillbeautomaticallydisabledwhenthe
devicesenterthepowerdownmode.
Note:tRSTDispower-ondelay,typicaltime=16.7ms
Low Voltage Reset Timing Chart
• LVRC Register
Bit
7
6
5
4
3
2
1
0
Name
LVS7
LVS6
LVS5
LVS4
LVS3
LVS2
LVS1
LVS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
1
0
1
0
1
Bit7~0
LVS7~LVS0:LVRVoltagecontrol
01010101:3.15V
00110011:3.15V
10011001:3.15V
10101010:3.15V
Anyothervalue:GeneratesMCUreset–registerisresettoPORvalue
Whenanactuallowvoltageconditionoccurs,asspecifiedbyoneofthefourdefined
LVRvoltagevaluesabove,anMCUresetwillbegenerated.Theresetoperationwill
beactivatedafter2~3LIRCclockcycles.Inthissituationtheregistercontentswill
remainthesameaftersucharesetoccurs.
Anyregistervalue,otherthanthedefinedLVRvaluesabove,willalsoresultinthe
generationofanMCUreset.Theresetoperationwillbeactivatedafter2~3LIRC
clockcycles.HoweverinthissituationtheregistercontentswillberesettothePOR
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com