Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9625 Datasheet HTML 31Page - Analog Devices AD9625 Datasheet HTML 32Page - Analog Devices AD9625 Datasheet HTML 33Page - Analog Devices AD9625 Datasheet HTML 34Page - Analog Devices AD9625 Datasheet HTML 35Page - Analog Devices AD9625 Datasheet HTML 36Page - Analog Devices AD9625 Datasheet HTML 37Page - Analog Devices AD9625 Datasheet HTML 38Page - Analog Devices AD9625 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 33 of 72
DIGITAL DOWNCONVERTERS (DDC)
SYNTHESIZER
NCO
12-BIT ADC
@ 2.0GSPS
DECIMATION
BY 8
GAIN SELECT:
0dB, 6dB, 12dB, 18dB
MODE SELECT:
96MHz OR 192MHz BW
MIXER
MIXER
8 × 12-BIT
@ 250MHz
DECIMATION
BY 8
DECIMATION
BY 2
8 × 13-BIT
@ 250MHz
8 × 12-BIT
@ 250MHz
8 × 13-BIT
@ 250MHz
16-BIT @ 250MHz
16-BIT
@ 125MHz
16-BIT
@ 125MHz
I-PHASE
16-BIT @ 250MHz
Q-PHASE
TUNER SELECT:
–1.0GHz TO +1.0GHz
GAIN SELECT:
0dB, 6dB,
12dB, 18dB
TO
FRAMER
TO
FRAMER
Figure 82. Digital Downconverter Block Diagram Operating at 2.0 GSPS
The AD9625 architecture includes two DDCs, each designed to
extract a portion of the full digital spectrum captured by the
ADC. Each tuner consists of an independent frequency synthesizer
and quadrature mixer; a chain of low-pass filters for rate conversion
follows these components. Assuming a sampling frequency of
2.500 GSPS, the frequency synthesizer (10-bit NCO) allows for
1024 discrete tuning frequencies, ranging from −1.2499 GHz to
+1.2500 GHz, in steps of 2500/1024 = 2.44 MHz. The low-pass
filters allow for two modes of decimation.
A high bandwidth mode, 240 MHz wide (from −120 MHz
to +120 MHz), sampled at 2.5 GHz/8 = 312.5 MHz for the
I and Q branches separately. The 16-bit samples from the I
and Q branches are transmitted through a dedicated
JESD204B interface.
A low bandwidth mode, 120 MHz wide (from −60 MHz to
+60 MHz), sampled at 2.5 GHz/16 = 156.25 MHz for the I
and Q branches separately. The 16-bit samples from the I
and Q branches are transmitted through a dedicated
JESD204B interface.
By design, all of the blocks operate at a single clock frequency of
2.5 GHz/8 = 312.5 MHz.
Each filter stage includes a gain control block that is programmable
by the user. The gain varies from 0 dB to 18 dB, in steps of 6 dB,
and the gain is applied before final scaling and rounding. The
gain control feature may be useful in cases where the tuner
filters out a strong out-of-band interferer, leaving a weak
in-band signal.
FREQUENCY SYNTHESIZER AND MIXER
For a sampling rate of 2.500 GHz, the synthesizer (10-bit
NCO) outputs one of 1024 possible complex frequencies from
−1.249 GHz to +1.250 GHz. The synthesizer employs the direct
digital synthesis technique, using look-up sine tables and a
phase accumulator. The user specifies the tuner frequency by
writing to a 10-bit phase increment register.
NUMERICALLY CONTROLLED OSCILLATOR
Each DDC has a 10-bit oscillator that is synthesized and mixed
with the ADC output data. The 10-bit phase can be tuned for
each DDC based on the value used in its NCO registers. The
phase for DDC0 is located with Register 0x132 and Register 0x131.
The phase for DDC1 is located with Register 0x13A and
Register 0x139. The NCO output frequency for DDC0 =
(decimal(Register 0x132[1:0]; Register 0x131[7:0]) × fS)/1024. The
NCO output frequency for DDC1 = (decimal(Register 0x13A[1:0];
Register 0x139[7:0]) × fS)/1024.
HIGH BANDWIDTH DECIMATOR
The first filter stage is designed for a rate reduction factor of 8,
yielding a sample rate of 2.500 GHz/8 = 312.5 MHz. To achieve
a combination of low complexity and low clock rate, the DDC
employs a decimate-by-8 polyphase fuse filter that receives
eight 13-bit samples from the mixer block at every clock cycle.
The block design provides user specified gain control, from 0 dB to
18 dB in steps of 6 dB. The gain is applied before final scaling
and rounding to 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com