Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9625 Datasheet HTML 26Page - Analog Devices AD9625 Datasheet HTML 27Page - Analog Devices AD9625 Datasheet HTML 28Page - Analog Devices AD9625 Datasheet HTML 29Page - Analog Devices AD9625 Datasheet HTML 30Page - Analog Devices AD9625 Datasheet HTML 31Page - Analog Devices AD9625 Datasheet HTML 32Page - Analog Devices AD9625 Datasheet HTML 33Page - Analog Devices AD9625 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 28 of 72
THEORY OF OPERATION
ADC ARCHITECTURE
The AD9625 is a pipelined ADC. The pipelined architecture
permits the first stage to operate on a new input sample and the
remaining stages to operate on the preceding samples. Sampling
occurs on the rising edge of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched capacitor digital-
to-analog converter (DAC) and an interstage residue amplifier
(MDAC). The residue amplifier magnifies the difference between
the reconstructed DAC output and the flash input for the next
stage in the pipeline. One bit of redundancy is used in each stage
to facilitate digital correction of flash errors. The last stage simply
consists of a flash ADC.
The input stage contains a differential sampling circuit that can
be ac- or dc-coupled in differential or single-ended modes. The
output staging block aligns the data, corrects errors, and passes
the data to the output buffers. The output buffers are powered
from a separate supply, allowing adjustment of the output drive
current.
Synchronization capability is provided to allow synchronized
timing between multiple devices.
FAST DETECT
The fast detect block within the AD9625 generates a fast
detection bit (FD), which, when used with variable gain
amplifier front-end blocks, reduces the gain and prevents the
ADC input signal levels from exceeding the converter range.
Figure 71 shows the rapidity by which the detection bit is
programmable using an upper threshold, lower threshold,
and dwell time.
The FD bit is set when the absolute value of the input signal
exceeds the programmable upper threshold level. The FD bit
clears only when the absolute value of the input signal drops
below the lower threshold level for greater than the programmable
dwell time, thereby providing hysteresis and preventing the FD
bit from excessive toggling.
GAIN THRESHOLD OPERATION
For best performance, the AD9625 needs an input signal to
perform internal calibration. This signal needs to exceed a set
threshold that is established through register settings. The
threshold prohibits background calibration updates for small
signal amplitudes. The threshold for gain calibration is enabled
by default.
Threshold Operation
The absolute value of every sample is accumulated to produce
an average voltage estimate.
When the calibration has run for its predetermined number of
samples, the voltage estimate is compared to the data set threshold.
If the voltage estimate is greater than the threshold, the cali-
bration coefficients update; otherwise, no update occurs.
Threshold Format
The threshold registers are all 16-bit registers loaded via the SPI
one byte at a time. The threshold values range from 0 to 16,384,
corresponding to a voltage range of 0.0 V to 1.2 V (full scale).
The calibration threshold range is 0 to 16,384 (0x00 to 0x4000,
hexadecimal) and represents the average magnitude of the
input. For example, to set the threshold so that a −6 dBFS input
sine wave sits precisely at the threshold requires a threshold
setting of
16,384 ×
20
6
10
×
2
≥ 5228
UPPER THRESHOLD
LOWER THRESHOLD
FD
DWELL TIME
TIMER RESET BY
RISE ABOVE LT
TIMER COMPLETES BEFORE
SIGNAL RISES ABOVE LT
DWELL TIME
Figure 71. Fast Detection Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com