Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9625 Datasheet HTML 28Page - Analog Devices AD9625 Datasheet HTML 29Page - Analog Devices AD9625 Datasheet HTML 30Page - Analog Devices AD9625 Datasheet HTML 31Page - Analog Devices AD9625 Datasheet HTML 32Page - Analog Devices AD9625 Datasheet HTML 33Page - Analog Devices AD9625 Datasheet HTML 34Page - Analog Devices AD9625 Datasheet HTML 35Page - Analog Devices AD9625 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 30 of 72
ANALOG INPUT CONSIDERATIONS
The AD9625 has a differential analog input, which is optimized
to provide superior wideband performance and must be driven
differentially. For best dynamic performance, the source
impedances driving VIN+ and VIN− should be matched such
that common-mode settling errors are symmetrical. Mismatch
between VIN+ and VIN− introduces undesired distortion. A
wideband transformer, balun, or amplifier can provide the
differential analog inputs for applications that require a single-
ended to differential conversion.
DIFFERENTIAL INPUT CONFIGURATIONS
Optimum performance is achieved while driving the AD9625
in a differential input configuration. A passive input configura-
tion can be used with a single to differential balun at the analog
input to the AD9625. Because the AD9625 does not make use
of an internal input buffer, an external network needs to be
designed to reduce bandwidth peaking and minimize kickback
from the ADC sampling capacitor.
Small series resistors (R3 and R4) limit input bandwidth, but can
be installed to further improve performance. Choose the input
network components such that its equivalent impedance, in
parallel with the 100 Ω input impedance of the AD9625, is
matched to the output impedance of the balun or amplifier.
Using a larger value for R3 and R4 suppresses the input
kickback from the sampling capacitor seen at the input to the
AD9625. However, the tradeoff is a lower usable input
bandwidth and an increase in the amount of signal power
needed to drive into the network for the AD9625 to sample a
full-scale signal.
Series isolation resistors (R5 and R6) are recommended to
reduce bandwidth peaking and minimize kickback from the
ADC sampling capacitor. Table 11 lists the front-end
requirements.
AD9625
AVDD
VCM
DRVDD
R5
R6
R3
R4
0.1µF
0.1µF
R1
R2
Figure 73. Recommended Front-End Network
Table 11. Recommended Front-End Components
Component
Component Value
R1
33 Ω to 50 Ω (termination)
R2
33 Ω to 50 Ω (termination)
R3
0 Ω to 33 Ω (lower for higher bandwidth)
R4
0 Ω to 33 Ω (lower for higher bandwidth)
R5
33 Ω
R6
33 Ω
AD9625
AVDD
VCM
DRVDD
33Ω
33Ω
0.1µF
0.1µF
50Ω
50Ω
1.5pF
0.1µF
100Ω
0.1µF
ANALOG
INPUT
INPUT
Z = 50Ω
ADC INTERNAL
INPUT Z
Figure 74. Input Network Example for Passive Balun with High Bandwidth
AD9625
25Ω
25Ω
33Ω
33Ω
0.1µF
0.1µF
33Ω
33Ω
100Ω
INTERNAL
0.1µF
EXTERNAL
BALUN/AMP
Figure 75. Input Network Example for Passive Balun and >2 GHz ADC
Bandwidth
AD9625
33Ω
33Ω
25Ω
25Ω
0.1µF
0.1µF
33Ω
33Ω
100Ω
INTERNAL
0.1µF
EXTERNAL
BALUN/AMP
Figure 76. Input Network Example for Passive Balun and <2 GHz ADC
Bandwidth
USING THE ADA4961
As an alternative to using only a passive differential balun input
for wideband applications, the ADA4961 differential amplifier
driver can be used (see Figure 80).
The ADA4961 is a high performance BiCMOS RF differential
gain amplifier (DGA) optimized for driving heavy loads out to
2.0 GHz and beyond. It typically achieves −90 dBc IMD3
performance at 500 MHz and −85 dBc at 1.5 GHz. The device
also exhibits very low output noise (6.8 nV/√Hz). Together,
these performance numbers result in an SFDR of 133 dB/Hz
at 1.5 GHz.
The ADA4961 has an internal differential input impedance of
100 Ω and a differential dynamic output impedance of 50 Ω,
eliminating the need for external termination resistors. The
digital adjustability provides for 1 dB resolution, thus
optimizing SNR for input levels spanning 21 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com