Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9625 Datasheet HTML 14Page - Analog Devices AD9625 Datasheet HTML 15Page - Analog Devices AD9625 Datasheet HTML 16Page - Analog Devices AD9625 Datasheet HTML 17Page - Analog Devices AD9625 Datasheet HTML 18Page - Analog Devices AD9625 Datasheet HTML 19Page - Analog Devices AD9625 Datasheet HTML 20Page - Analog Devices AD9625 Datasheet HTML 21Page - Analog Devices AD9625 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 16 of 72
TYPICAL PERFORMANCE CHARACTERISTICS
100
40
45
50
55
60
65
70
80
90
95
75
85
SNR (dBFS), 240MHz
SFDR (dBc), 240MHz
SNR (dBc), 1821MHz
SFDR (dBc), 1821MHz
SAMPLE RATE (MSPS)
Figure 6. SNR/SFDR vs. Sample Rate
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
4.5
2.0
2.5
3.0
3.5
4.0
SAMPLE RATE (MSPS)
IDVDD2, IDRVDD2
IDRVDD1
TOTAL
POWER
IAVDD1
IDVDD1
IAVDD2
TWO LANE
MODE
FOUR LANE
MODE
EIGHT LANE
MODE
Figure 7. Current and Power vs. Sample Rate: Two Lane, Four Lane, and Eight
Lane Output Modes
0
–9
–8
–7
–6
–5
–4
–3
–2
–1
10
5000
1000
100
INPUT FREQUENCY (MHz)
Figure 8. Full Power Input Bandwidth (Input Network in Figure 76 Used
>2 GHz, Input Network in Figure 75 Used <2 GHz)
1.0
0.9
0.8
0.7
0.6
0.5
–50
–25
0
25
50
75
100
125
JUNCTION TEMPERATURE (°C)
Figure 9. VMON Output Voltage vs. Junction Temperature VMON (V) =
−0.0013 × TEMP(C) + 0.8675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com