Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9625 Datasheet HTML 20Page - Analog Devices AD9625 Datasheet HTML 21Page - Analog Devices AD9625 Datasheet HTML 22Page - Analog Devices AD9625 Datasheet HTML 23Page - Analog Devices AD9625 Datasheet HTML 24Page - Analog Devices AD9625 Datasheet HTML 25Page - Analog Devices AD9625 Datasheet HTML 26Page - Analog Devices AD9625 Datasheet HTML 27Page - Analog Devices AD9625 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 22 of 72
85
40
45
50
55
60
65
70
75
80
100
6000
1000
ANALOG INPUT FREQUENCY (MHz)
Figure 37. SFDR vs. AIN Frequency at 2.5 GSPS (Input Network in Figure 76
Used <2 GHz, Input Network in Figure 75 used >2 GHz)
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
MORE
N – 4
N – 6
N – 2
N
MORE
N + 4 N + 6
N + 2
CODE
Figure 38. Input Referred Noise Histogram with 2.5 GSPS
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
4096
3072
2048
1024
CODES
Figure 39. Differential Nonlinearity (DNL), ±0.3 LSB at 2.5 GSPS
59
48
49
50
51
52
53
54
55
57
58
56
100
6000
1000
ANALOG INPUT FREQUENCY (MHz)
Figure 40. SNRFS vs. AIN Frequency at 2.5 GSPS (Input Network in Figure 76
Used <2 GHz, Input Network in Figure 75 Used >2 GHz)
0
–120
–100
–80
–60
–40
–20
0
250
500
750
1000
1250
FREQUENCY (MHz)
2500MSPS
fIN1 = 1808.5MHz AT –7.0dBFS
fIN2 = 1805.5MHz AT –7.0dBFS
SFDR = 75.9dBc
Figure 41. Two Tone FFT Plot at 2.5 GSPS, fIN1 = 1808.5 MHz and
fIN2 = 1805.5 MHz at AIN, −7.0 dBFS (SFDR = 75.9 dBc)
0
–120
–100
–80
–60
–40
–20
0
250
500
750
1000
1250
FREQUENCY (MHz)
2500MSPS
fIN1 = 728.5MHz AT –7.0dBFS
fIN2 = 731.5MHz AT –7.0dBFS
SFDR = 79.3dBc
Figure 42. Two Tone FFT Plot at 2.5 GSPS, fIN1 = 728.5 MHz and
fIN2 = 731.5 MHz at AIN, −7.0 dBFS (SFDR = 79.3 dBc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com