Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9625 Datasheet HTML 45Page - Analog Devices AD9625 Datasheet HTML 46Page - Analog Devices AD9625 Datasheet HTML 47Page - Analog Devices AD9625 Datasheet HTML 48Page - Analog Devices AD9625 Datasheet HTML 49Page - Analog Devices AD9625 Datasheet HTML 50Page - Analog Devices AD9625 Datasheet HTML 51Page - Analog Devices AD9625 Datasheet HTML 52Page - Analog Devices AD9625 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 47 of 72
In the case where the encode clock used for the AD9625 is
sufficiently fast (>1.75 GSPS), the guardband delays for the
earliest setup and latest hold condition starts to overlap in time
due to the fast clock period. This case occurs when the encode
clock period is smaller than 16× the nominal delay guardband
window of 35 ps or (1/fS < 16 × 35 ps). The earliest setup guard-
band delays from clock N can overlap with the latest guardband
delays from CLK±[N + 1]. When this is the case, a SYSREF±
edge located in one of these overlapped guardband delays
triggers an IRQ event for both the setup and hold detection.
While it is possible to make use of this information, it is
suggested to limit the number of valid settings to no more
than 5 (100b) and below when sampling above 1.75 GSPS to
avoid this situation.
CLK+
SYSREF–
SYSREF+
CLK–
HOLD AND
GUARDBAND TIME [N]
SETUP AND
GUARDBAND TIME [N + 1]
HOLD GUARDBAND
[N] IRQ DELAYS
SETUP GUARDBAND
[N +1] IRQ DELAYS
CLK±[N]
CLK±[N + 1]
Figure 100. SYSREF± Edge Falls Within Both the Latest Hold Time
Guardbanded of CLK±[N] and the Earliest Setup Time Guardband of
CLK±[N + 1] and Triggers an IRQ Error
Table 23. IRQ Outcomes for All Setup or Hold Guardband
Settings Using the Case in Figure 100
Setting/IRQ
Setup
Hold
000
0
0
001
0
0
010
0
0
011
0
0
100
0
0
101
0
0
110
0
0
111
1
1
As a secondary use, the SYSREF± edge detector can also alert
the system about phase shift drift between SYSREF± and CLK
due to temperature or supply changes. For example, a conservative
guardband setting could be used, such that an IRQ status of 0
would be seen in ideal conditions. If timing drifts were significant
enough to trigger the IRQ, the system would take action to
adjust the skew of the SYSREF± to CLK accordingly to reestablish
an IRQ of 0.
CLK+
SYSREF–
SYSREF+
CLK–
SETUP AND
GUARDBAND TIME
HOLD AND
GUARDBAND TIME
SETUP GUARDBAND
IRQ DELAYS
HOLD GUARDBAND
IRQ DELAYS
Figure 101. SYSREF± Edge Changes Phase Relative to the Encode Clock,
Which can be Detected When the Edge Crosses Through the Guardband
Setup Time
Table 24. IRQ Outcomes for all Setup or Hold Guardband
Settings Using the Case in Figure 101
Setting/IRQ
Setup
Hold
Setting/IRQ
Setup
Hold
000
0
0
000
0
0
001
0
0
001
0
0
010
0
0
010
1
0
011
0
0
011
1
0
100
1
0
100
1
0
101
1
0
101
1
0
110
1
0
110
1
0
111
1
0
111
1
0
Using Rising/Falling Edges of the CLK to Latch SYSREF±
The SYSREF± signal can be latched on either the rising or
falling edge of the encode clock, based on the value of register
0x03A[3] = 0 (latch on rising edge) or 0x03A[3] = 1 (latch on
falling edge). This does not impact the analog input, which is
always sampled on the rising edge of the encode clock. For
sampling SYSREF±, the falling edge encode capture of CLK±[N]
precedes the rising edge encode capture of CLK±[N], both
corresponding to the same analog sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com