Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9625 Datasheet HTML 34Page - Analog Devices AD9625 Datasheet HTML 35Page - Analog Devices AD9625 Datasheet HTML 36Page - Analog Devices AD9625 Datasheet HTML 37Page - Analog Devices AD9625 Datasheet HTML 38Page - Analog Devices AD9625 Datasheet HTML 39Page - Analog Devices AD9625 Datasheet HTML 40Page - Analog Devices AD9625 Datasheet HTML 41Page - Analog Devices AD9625 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 36 of 72
LOW BANDWIDTH DECIMATOR
Use the second filter stage in the optional low bandwidth mode
only. It achieves an additional rate reduction factor of 2, yielding a
final sample rate of 2.500 GHz/16 = 156.25 MHz. The internal
architecture of the low bandwidth decimation filter is similar to
that of a high bandwidth decimator. Moreover, for ease of
physical design, the block operates at 312.5 MHz, a result of
which both the I- and Q-phases can share the filter engine.
The performance of the low bandwidth decimation filter is
shown in Figure 85 and Figure 86. The filter yields an effective
bandwidth of 60 MHz, with a transition band of 81.25 MHz −
60 MHz = 21.25 MHz. Thus, the two sided, complex bandwidth
of the filter is 120 MHz. A rejection ratio of 85 dB ensures that
the alias region folds back well below the noise floor of the
input signal.
As with the high bandwidth filter, this block provides user
specified gain control, from 0 dB to 18 dB, in steps of 6 dB. The
gain is applied before final quantization at the output of the low
bandwidth decimation filter to 16 bits.
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
160
140
120
100
80
60
40
20
FREQUENCY (MHz)
Figure 85. Magnitude Response of Decimate-by-2 Filter
–0.2
–0.1
0
0.1
0.2
0.3
0.4
060
50
40
30
20
10
FREQUENCY (MHz)
Figure 86. Magnitude Ripple in the Low Bandwidth Pass Band
The low bandwidth decimator has a filter architecture that
consists of a 31 tap delay line. The coefficients are 17 bits each
and are listed in Table 13.
Table 13. Filter Tap Coefficients for Low Bandwidth
Decimator
Tap Number
Coefficient
1
+126
2
+312
3
−16
4
−859
5
−628
6
+1217
7
+1428
8
−1944
9
−3227
10
+2511
11
+6302
12
−3099
13
−13075
14
+3441
15
+43442
16
+65536
17
+43442
18
+3441
19
−13075
20
−3099
21
+6302
22
+2511
23
−3227
24
−1944
25
+1428
26
+1217
27
−628
28
−859
29
−16
30
+312
31
+126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com