Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 71 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9625 Datasheet HTML 66Page - Analog Devices AD9625 Datasheet HTML 67Page - Analog Devices AD9625 Datasheet HTML 68Page - Analog Devices AD9625 Datasheet HTML 69Page - Analog Devices AD9625 Datasheet HTML 70Page - Analog Devices AD9625 Datasheet HTML 71Page - Analog Devices AD9625 Datasheet HTML 72Page - Analog Devices AD9625 Datasheet HTML 73Page - Analog Devices AD9625 Datasheet HTML 74Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 69 of 72
Table 107. Trim Setting Control Register, Address 0x121 (Default = 0x00 for AD9625-2.5 and AD9625-2.6; Default = 0x03 for
AD9625-2.0)
Bit No.
Access
Bit Description
[7:2]
Reserved.
[1:0]
RW
Select trim setting, based on sample rate (AD9625-2.0 and AD9625-2.5):
00: Trim 0: for 2.5 GSPS encode rate (default for AD9625-2.5) (not available for AD9625-2.0).
01: Trim 1: for 2.4 GSPS to 2.5 GSPS encode rate (not available for AD9625-2.0).
10: Trim 2: for 2.2 GSPS to 2.4 GSPS encode rate (not available for AD9625-2.0).
11: Trim 3: for 330 MSPS to 2.2 GSPS encode rate (default for AD9625-2.0).
Select trim setting, based on sample rate (AD9625-2.6):
00: Trim 0: for 2.55 GSPS to 2.6 GSPS encode rate (default for AD9625-2.6).
01: Trim 1: for 2.4 GSPS to 2.55 GSPS encode rate.
10: Trim 2: for 2.2 GSPS to 2.4 GSPS encode rate.
11: Trim 3: for 330 MSPS to 2.2 GSPS encode rate.
Table 108. Unused Register, Address 0x12A (Default = 0x05)
Bit No.
Access
Bit Description
[7:0]
RW
Reserved; maintain default setting of 0x05.
Table 109. DDC 0 Gain Control Register, Address 0x130 (Default = 0x00)
Bit No.
Access
Bit Description
[7:6]
Unused.
[5:4]
RW
DDC 0 polyphase (decimate by 2) gain in units of 6 dB.
00: 0 dB gain.
01: 6 dB gain.
10: 12 dB gain.
11: 18 dB gain.
[3:2]
Unused.
[1:0]
RW
DDC 0 polyphase (decimate by 8) gain in units of 6 dB.
00: 0 dB gain.
01: 6 dB gain.
10: 12 dB gain.
11: 18 dB gain.
Table 110. DDC 0 Phase Increment Least Significant Bits Register, Address 0x131 (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
DDC 0 NCO phase increment value. Phase increment for the NCO within DDC 0 (Bits[7:0]).
The output frequency = (decimal(Register 0x132[1:0]; Register 0x131[7:0]) × fS)/1024.
Table 111. DDC 0 Phase Increment Most Significant Bits Register, Address 0x132 (Default = 0x00)
Bit No.
Access
Bit Description
[7:2]
Unused.
[1:0]
RW
DDC 0 NCO phase increment value. Phase increment for the NCO within DDC 0 (Bits[9:8]).
Table 112. DDC 1 Gain Control Register, Address 0x138 (Default = 0x00)
Bit No.
Access
Bit Description
[7:6]
Unused.
[5:4]
RW
DDC 1 polyphase (decimate by 2) gain in units of 6 dB.
00: 0 dB gain.
01: 6 dB gain.
10: 12 dB gain.
11: 18 dB gain.
[3:2]
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com