Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9625 Datasheet HTML 2Page - Analog Devices AD9625 Datasheet HTML 3Page - Analog Devices AD9625 Datasheet HTML 4Page - Analog Devices AD9625 Datasheet HTML 5Page - Analog Devices AD9625 Datasheet HTML 6Page - Analog Devices AD9625 Datasheet HTML 7Page - Analog Devices AD9625 Datasheet HTML 8Page - Analog Devices AD9625 Datasheet HTML 9Page - Analog Devices AD9625 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 4 of 72
SPECIFICATIONS
DC SPECIFICATIONS
AVDD1 = DVDD1 = DRVDD1 = 1.3 V, AVDD2 = DVDD2 = DRVDD2 = 2.5 V, specified maximum sampling rate, 1.2 V internal
reference, AIN = −1.0 dBFS, default SPI settings, dc-coupled output data, unless otherwise noted.
Table 1.
Parameter
Test Conditions/
Comments
Temperature1
AD9625-2.0
AD9625-2.5
AD9625-2.6
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
12
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
−7
±0.5
+6.4
−7
±0.5
+6.4
−8.5
±0.5
+7.0
LSB
Gain Error
Full
−8
+8
−10.8
+14.2
−13.8
+20.9
%FSR
Differential Nonlinearity
(DNL)
Full
−0.7
±0.3
+0.7
−0.5
±0.3
+0.7
−0.6
±0.3
+0.7
LSB
Integral Nonlinearity (INL)
Full
−3.6
±0.9
+3.6
−2.1
±1.0
+2.1
−2.7
±1.0
+2.3
LSB
ANALOG INPUTS
Differential Input
Voltage Range
Internal VREF = 1.2 V
Full
1.1
1
1
V p-p
Resistance
25°C
100
100
100
Ω
Capacitance
25°C
1.5
1.5
1.5
pF
Internal Common-Mode
Voltage (VCM)
Full
492
525
563
492
525
563
492
525
563
mV
Analog Full-Power
Bandwidth2
Internal termination
25°C
3.2
3.2
3.2
GHz
Input Referred Noise
25°C
2
2
2
LSBRMS
POWER SUPPLIES
AVDD1
Full
1.26
1.3
1.32
1.26
1.3
1.32
1.26
1.3
1.32
V
AVDD2
Full
2.4
2.5
2.6
2.4
2.5
2.6
2.4
2.5
2.6
V
DRVDD1
Full
1.26
1.3
1.32
1.26
1.3
1.32
1.26
1.3
1.32
V
DRVDD2
Full
2.4
2.5
2.6
2.4
2.5
2.6
2.4
2.5
2.6
V
DVDD1
Full
1.26
1.3
1.32
1.26
1.3
1.32
1.26
1.3
1.32
V
DVDD2
Full
2.4
2.5
2.6
2.4
2.5
2.6
2.4
2.5
2.6
V
DVDDIO
Full
2.4
2.5
3.3
2.4
2.5
3.3
2.4
2.5
3.3
V
SPI_VDDIO
Full
2.4
2.5
3.3
2.4
2.5
3.3
2.4
2.5
3.3
V
IAVDD1
Full
1120
1222
1250
1351
1267
1390
mA
IAVDD2
Full
383
460
427
491
432
492
mA
IDRVDD1
Full
456
470
476
518
497
544
mA
IDRVDD2
Full
9
10
9
10
9
10
mA
IDVDD1
Full
410
430
425
473
441
503
mA
IDVDD2
Full
<1
<1
<1
mA
IDVDDIO
Full
<1
<1
<1
mA
ISPI_VDDIO
Full
<1
<1
<1
mA
Power Dissipation
Eight lane mode
Full
3.48
3.8
3.90
4.2
4.0
4.3
W
Power-Down Dissipation
125
3.8
125
125
mW
1 Full temperature range is −40°C to +85°C measured at the case (TC).
2 See Figure 75 and Figure 76 for networks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com