Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9625 Datasheet HTML 40Page - Analog Devices AD9625 Datasheet HTML 41Page - Analog Devices AD9625 Datasheet HTML 42Page - Analog Devices AD9625 Datasheet HTML 43Page - Analog Devices AD9625 Datasheet HTML 44Page - Analog Devices AD9625 Datasheet HTML 45Page - Analog Devices AD9625 Datasheet HTML 46Page - Analog Devices AD9625 Datasheet HTML 47Page - Analog Devices AD9625 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 42 of 72
Quick
Configuration
Value
Description
Lanes
(L)
Logical
Lane 0
Logical
Lane 1
Logical
Lane 2
Logical
Lane 3
Logical
Lane 4
Logical
Lane 5
Logical
Lane 6
Logical
Lane 7
0xE4
Dual DDC,
mixed BW
4
I0[N]
Q0[N]
I1[N]
Q1[N]
Off
Off
Off
Off
0xD1
Dual DDC,
low BW
1
I0[N],
Q0[N],
I1[N],
Q1[N]
Off
Off
Off
Off
Off
Off
Off
0xD2
Dual DDC,
low BW
2
I0[N],
Q0[N]
I1[N],
Q1[N]
Off
Off
Off
Off
Off
Off
Table 18. Typical Current Consumption per ADC Mode (Unused Output Lanes are Powered Down)
Quick
Configuration
Value
Mode
Lanes
(L)
Sample Rate
(MSPS)
Typical Current Consumption (A)
IAVDD1
IAVDD2
IDRVDD1
IDRVDD2
IDVDD1
IDVDD2
Total Power (W)
0x02
Generic, two lane
2
650
0.7
0.3
0.2
0.0
0.1
0.0
2.1
0x04
Generic, four lane
4
1300
0.9
0.3
0.3
0.0
0.2
0.0
2.6
0x06
Generic, six lane
6
2600
1.2
0.4
0.4
0.0
0.4
0.0
3.4
0x08
Generic, eight lane
8
2600
1.2
0.4
0.5
0.0
0.4
0.0
3.9
0x42
fS × 8
2
813
0.7
0.4
0.2
0.0
0.2
0.0
2.3
0x44
fS × 4
4
1625
1.0
0.4
0.3
0.0
0.3
0.0
3.0
0x48
fS × 2
8
2600
1.2
0.4
0.5
0.0
0.4
0.0
3.8
0x81
Single DDC high BW, one lane
1
1300
0.9
0.4
0.1
0.0
0.3
0.0
2.7
0x82
Single DDC high BW, two lane
2
2600
1.2
0.4
0.2
0.0
0.6
0.0
3.6
0x91
Single DDC low BW, one lane
1
2600
1.2
0.4
0.1
0.0
0.6
0.0
3.5
0xC1
Dual DDC high BW, one lane
1
650
0.7
0.4
0.1
0.0
0.2
0.0
2.3
0xC2
Dual DDC high BW, two lane
2
1300
0.9
0.4
0.2
0.0
0.5
0.0
2.9
0xC4
Dual DDC high BW, four lane
4
2600
1.2
0.4
0.3
0.0
0.8
0.0
4.0
0xE1
Dual DDC mixed BW, one lane
1
650
0.7
0.4
0.1
0.0
0.2
0.0
2.3
0xE2
Dual DDC mixed BW, two lane
2
1300
0.9
0.4
0.2
0.0
0.5
0.0
2.9
0xE4
Dual DDC mixed BW, four lane
4
2600
1.2
0.4
0.3
0.0
0.8
0.0
4.0
0xD1
Dual DDC low BW, one lane
1
1300
0.9
0.4
0.1
0.0
0.4
0.0
2.8
0xD2
Dual DDC low BW, two lane
2
2600
1.2
0.4
0.2
0.1
0.8
0.0
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com