Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9625 Datasheet HTML 30Page - Analog Devices AD9625 Datasheet HTML 31Page - Analog Devices AD9625 Datasheet HTML 32Page - Analog Devices AD9625 Datasheet HTML 33Page - Analog Devices AD9625 Datasheet HTML 34Page - Analog Devices AD9625 Datasheet HTML 35Page - Analog Devices AD9625 Datasheet HTML 36Page - Analog Devices AD9625 Datasheet HTML 37Page - Analog Devices AD9625 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 32 of 72
DC COUPLING
The AD9625 can operate using a dc-coupled input configura-
tion. The differential analog common-mode input signal would
need to be referenced to the VCM output of the AD9625.
CLOCK INPUT CONSIDERATIONS
For optimum performance, drive the AD9625 sample clock
inputs (CLK+ and CLK−) with a differential signal. This
signal is typically ac-coupled to the CLK+ and CLK− pins via a
transformer or capacitors. These pins are biased internally and
require no additional biasing.
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency
(fA) due only to aperture jitter (tJ) can be calculated by
SNR = 20 × log 10(1/(2 × π × fA × tJ))
In this equation, the rms aperture jitter represents the root-
mean-square of all jitter sources, including the clock input,
analog input signal, and ADC aperture jitter specifications. IF
undersampling applications are particularly sensitive to jitter
(see Figure 81).
130
120
110
100
90
80
70
60
50
40
30
10
100
1000
10000
ANALOG INPUT FREQUENCY (MHz)
12.5
fS
25
fS
50
fS
100
fS
200
fS
400
fS
800
fS
Figure 81. Ideal SNR vs. Analog Input Frequency and Jitter
In cases where aperture jitter may affect the dynamic range of
the AD9625, treat the clock input as an analog signal. To avoid
modulating the clock signal with digital noise, separate power
supplies for clock drivers from the ADC output driver supplies.
Low jitter, crystal-controlled oscillators make the best clock
sources. If the clock is generated from another type of source (by
gating, dividing, or other methods), it should be retimed by the
original clock at the last step. Refer to the AN-501 Application
Note and the AN-756 Application Note for more information
about jitter performance as it relates to ADCs.
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com