Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9625 Datasheet HTML 16Page - Analog Devices AD9625 Datasheet HTML 17Page - Analog Devices AD9625 Datasheet HTML 18Page - Analog Devices AD9625 Datasheet HTML 19Page - Analog Devices AD9625 Datasheet HTML 20Page - Analog Devices AD9625 Datasheet HTML 21Page - Analog Devices AD9625 Datasheet HTML 22Page - Analog Devices AD9625 Datasheet HTML 23Page - Analog Devices AD9625 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 18 of 72
120
100
80
60
40
20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 16. Two Tone SFDR and IMD3 vs. Analog Input Amplitude at 2.0 GSPS
at 1800 MHz AIN
120
100
80
60
40
20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 17. Two Tone SFDR and IMD3 vs. Analog Input Amplitude at 2.0 GSPS
at 230 MHz AIN
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
MORE
N – 4
N – 2
N
MORE
N + 4
N + 2
BINS
Figure 18. Input Referred Noise Histogram with 2.0 GSPS
90
85
80
75
70
65
60
55
50
100
300
500
700
900
1100 1300 1500
1700 1900
ANALOG INPUT FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
+90°C
+25°C
–55°C
Figure 19. SNR/SFDR vs. Analog Input Frequency at Different Temperatures
at 2.0 GSPS
0
–120
–100
–80
–60
–40
–20
0
1000
800
600
400
200
FREQUENCY (MHz)
2000MSPS
fIN1 = 1805.5MHz AT –7.0dBFS
fIN2 = 1808.5MHz AT –7.0dBFS
SFDR = 78.117dBc
Figure 20. Two Tone FFT Plot at 2.0 GSPS, fIN1 = 1805.5 MHz and
fIN2 = 1808.5 MHz at AIN, −7.0 dBFS (SFDR = 78.117 dBc)
0
–120
–100
–80
–60
–40
–20
0
1000
800
600
400
200
FREQUENCY (MHz)
2000MSPS
fIN1 = 728.5MHz AT –7.0dBFS
fIN2 = 731.5MHz AT –7.0dBFS
SFDR = 80.98dBc
Figure 21. Two Tone FFT Plot at 2.0 GSPS, fIN1 = 728.5 MHz and
fIN2 = 731.5 MHz at AIN, −7.0 dBFS (SFDR = 80.98 dBc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com