Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9625 Datasheet HTML 5Page - Analog Devices AD9625 Datasheet HTML 6Page - Analog Devices AD9625 Datasheet HTML 7Page - Analog Devices AD9625 Datasheet HTML 8Page - Analog Devices AD9625 Datasheet HTML 9Page - Analog Devices AD9625 Datasheet HTML 10Page - Analog Devices AD9625 Datasheet HTML 11Page - Analog Devices AD9625 Datasheet HTML 12Page - Analog Devices AD9625 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 7 of 72
SWITCHING SPECIFICATIONS
AVDD1 = DVDD1 = DRVDD1 = 1.3 V, AVDD2 = DVDD2 = DRVDD2 = 2.5 V, specified maximum sampling rate, 1.2 V internal
reference, AIN = −1.0 dBFS, default SPI settings, unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Temperature1
Min
Typ
Max
Unit
CLOCK (CLK)
Maximum Clock Rate
Full
2600
MSPS
Minimum Clock Rate
Full
3302
MSPS
Clock Pulse Width High
Full
50 ± 5
% duty cycle
Clock Pulse Width Low
Full
50 ± 5
% duty cycle
SYSREF (SYSREF±)3
Setup Time (tSU_SR)
25°C
+200
ps
Hold Time (tH_SR)
25°C
−100
ps
FAST DETECT OUTPUT (FD)
Latency
Full
82
Clock cycles
OUTPUT PARAMETERS (SERDOUT[x]±)
Rise Time
25°C
70
ps
Fall Time
25°C
70
ps
Pipeline Latency
Eight lane mode
25°C
226
Clock cycles
SYNCB± Falling Edge to First K.28 Characters
25°C
4
Multiframes
CGS Phase K.28 Characters Duration
25°C
1
Multiframes
Differential Termination Resistance
25°C
100
Ω
APERTURE
Delay
Full
200
ps
Uncertainty (Jitter)
Full
80
fS rms
Out-of-Range Recovery Time
Full
2
Clock cycles
1 Full temperature range is −40°C to +85°C measured at the case (TC).
2 Must use a two-lane, generic output lane configuration for minimum sample rate. For more information, see the lane table in the JESD204B specification document.
3 SYSREF± setup and hold times are defined with respect to the rising SYSREF± edge and rising clock edge. Positive setup time leads the clock edge. Negative hold time
also leads the clock edge.
TIMING SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK should be in a logic high state
10
ns
tLOW
Minimum period that SCLK should be in a logic low state
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to an
output relative to the SCLK falling edge
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input relative to the SCLK rising edge
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com