Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9625 Datasheet HTML 66Page - Analog Devices AD9625 Datasheet HTML 67Page - Analog Devices AD9625 Datasheet HTML 68Page - Analog Devices AD9625 Datasheet HTML 69Page - Analog Devices AD9625 Datasheet HTML 70Page - Analog Devices AD9625 Datasheet HTML 71Page - Analog Devices AD9625 Datasheet HTML 72Page - Analog Devices AD9625 Datasheet HTML 73Page - Analog Devices AD9625 Datasheet HTML 74Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 71 of 72
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting system level design and layout of the AD9625, it
is recommended that the designer become familiar with these
guidelines, which discuss the special circuit connections and
layout requirements needed for certain pins.
POWER AND GROUND RECOMMENDATIONS
When connecting power to the AD9625, it is recommended
that separate supplies are used: one supply for the analog output
(AVDD), and a separate supply for the digital outputs (DRVDD
and DVDD). The designer can use several different decoupling
capacitors to cover both high and low frequencies. Locate these
capacitors close to the point of entry at the PCB level and close
to the pins of the part with minimal trace length.
When using the AD9625, a single PCB ground plane is
sufficient. With proper decoupling and smart partitioning
of the PCB analog, digital, and clock sections, optimum
performance is easily achieved.
CLOCK STABILITY CONSIDERATIONS
When powered on, the AD9625 enters an initialization phase
during which an internal state machine sets up the biases and
the registers for proper operation. During the initialization
process, the AD9625 needs a stable clock. If the ADC clock
source is not present or not stable during ADC power-up, it
disrupts the state machine and causes the ADC to start up in
a less than optimum state. To correct this, an initialization
sequence must be invoked after the ADC clock is stable or any
change in the sampling clock frequency is made. By issuing a
digital reset via Register 0x00. The pseudo code sequence for a
digital reset is as follows:
#Stable Clock at the input to the AD9625
SPI_Write (0x00, 0x3C); # Reset
SPI_Write (0x080 0xFF) #SPI register transfer
SPI_Write (0x00, 0x00); # Clear Reset
SPI_Write (0x080 0xFF) #SPI register transfer
#Write further configurations
SPI PORT
When the full dynamic performance of the converter is
required, do not activate the SPI port. Because the SCLK, CSB,
and SDIO signals are typically asynchronous to the ADC clock,
noise from these signals can degrade converter performance.
If the on-board SPI bus is used for other devices, it may be
necessary to provide buffers between this bus and the AD9625
to keep these signals from transitioning at the converter input
pins during critical sampling periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com