Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9625 Datasheet HTML 66Page - Analog Devices AD9625 Datasheet HTML 67Page - Analog Devices AD9625 Datasheet HTML 68Page - Analog Devices AD9625 Datasheet HTML 69Page - Analog Devices AD9625 Datasheet HTML 70Page - Analog Devices AD9625 Datasheet HTML 71Page - Analog Devices AD9625 Datasheet HTML 72Page - Analog Devices AD9625 Datasheet HTML 73Page - Analog Devices AD9625 Datasheet HTML 74Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 70 of 72
Bit No.
Access
Bit Description
[1:0]
RW
DDC 1 polyphase (decimate by 8) gain in units of 6 dB.
00: 0 dB gain.
01: 6 dB gain
10: 12 dB gain.
11: 18 dB gain.
Table 113. DDC 1 Phase Increment Least Significant Bits Register, Address 0x139 (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
DDC 1 NCO phase increment value. Phase increment for the NCO within DDC 1 (Bits[7:0]).
The output frequency = (decimal(Register 0x13A[1:0]; Register 0x139[7:0]) × fS)/1024.
Table 114. DDC 1 Phase Increment Most Significant Bits Register, Address 0x13A (Default = 0x00)
Bit No.
Access
Bit Description
[7:2]
Unused.
[1:0]
RW
DDC1 NCO phase increment value (Bits[9:8]).
Table 115. SYSREF±Hold Time Guardband Register, Address 0x13B (Default = 0x00)
Bit No.
Access
Bit Description
[7:5]
RW
These bits increase the SYSREF± hold time guardband that is used to assert the SYSREF± hold IRQ flag in register
0x100[3]. This time is informational only and does not change the actual hold time for SYSREF±.
000: No additional guardband hold time.
001: 35 ps of additional hold time guardband for 0x100[3].
010: 70 ps of additional hold time guardband for 0x100[3].
011: 105 ps of additional hold time guardband for 0x100[3].
100: 140 ps of additional hold time guardband for 0x100[3].
101: 175 ps of additional hold time guardband for 0x100[3].
110: 210 ps of additional hold time guardband for 0x100[3].
111: 245 ps of additional hold time guardband for 0x100[3].
[4:0]
RW
Reserved.
Table 116. SYSREF± Setup Time Guardband Register, Address 0x13C (Default = 0x00)
Bit No.
Access
Bit Description
[7:5]
RW
These bits increase the SYSREF± setup time guardband that is used to assert the SYSREF± setup IRQ flag in register
0x100[2]. This time is informational only and does not change the actual setup time for SYSREF±.
000: No additional guardband setup time.
001: 35 ps of additional setup time guardband for 0x100[2].
010: 70 ps of additional setup time guardband for 0x100[2].
011: 105 ps of additional setup time guardband for 0x100[2].
100: 140 ps of additional setup time guardband for 0x100[2].
101: 175 ps of additional setup time guardband for 0x100[2].
110: 210 ps of additional setup time guardband for 0x100[2].
111: 245 ps of additional setup time guardband for 0x100[2].
[4:0]
RW
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com