Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9625 Datasheet HTML 7Page - Analog Devices AD9625 Datasheet HTML 8Page - Analog Devices AD9625 Datasheet HTML 9Page - Analog Devices AD9625 Datasheet HTML 10Page - Analog Devices AD9625 Datasheet HTML 11Page - Analog Devices AD9625 Datasheet HTML 12Page - Analog Devices AD9625 Datasheet HTML 13Page - Analog Devices AD9625 Datasheet HTML 14Page - Analog Devices AD9625 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 9 of 72
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD1 to AGND
−0.3 V to +1.32 V
AVDD2 to AGND
−0.3 V to +2.75 V
DRVDD1 to DRGND
−0.3 V to +1.32 V
DRVDD2 to DRGND
−0.3 V to +2.75 V
DVDD1 to DGND
−0.3 V to +1.32 V
DVDD2 to DGND
−0.3 V to +2.75 V
DVDDIO to DGND
−0.3 V to +3.63 V
SPI_VDDIO to DGND
−0.3 V to +3.63 V
AGND to DRGND
−0.3 V to +0.3 V
VIN± to AGND
−0.3 V to AVDD1 + 0.2 V
VCM to AGND
−0.3 V to AVDD1 + 0.2 V
VMON to AGND
−0.3 V to AVDD1 + 0.2 V
CLK± to AGND
−0.3 V to AVDD1 + 0.2 V
SYSREF± to AGND
−0.3 V to AVDD1 + 0.2 V
SYNCINB± to DRGND
−0.3 V to DRVDD2 + 0.2 V
SCLK to DRGND
−0.3 V to SPI_VDDIO + 0.2 V
SDIO to DRGND
−0.3 V to SPI_VDDIO + 0.2 V
IRQ to DRGND
−0.3 V to DVDDIO + 0.2 V
RSTB to DRGND
−0.3 V to DVDDIO + 0.2 V
CSB to DRGND
−0.3 V to SPI_VDDIO + 0.2 V
FD to DRGND
−0.3 V to DVDDIO + 0.2 V
DIVCLK± to DRGND
−0.3 V to DRVDD2 + 0.2 V
SERDOUT[x]± to DRGND
−0.3 V to DRVDD1 + 0.2 V
Environmental
Storage Temperature Range
−60°C to +150°C
Operating Case Temperature Range
−40°C to +85°C
(measured at case)
Maximum Junction Temperature
110°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
The following characteristics are for a 4-layer and 10-layer
printed circuit board (PCB).
Table 7. Thermal Resistance
PCB
TA (°C)
θJA
(°C/W)
ΨJT
(°C/W)
ΨJB
(°C/W)
θJC
(°C/W)
4-Layer
85.0
18.7
0.61
6.1
1.4
10-Layer
85.0
11.5
0.61
4.1
N/A1
1 N/A means not applicable.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com