Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9625 Datasheet HTML 35Page - Analog Devices AD9625 Datasheet HTML 36Page - Analog Devices AD9625 Datasheet HTML 37Page - Analog Devices AD9625 Datasheet HTML 38Page - Analog Devices AD9625 Datasheet HTML 39Page - Analog Devices AD9625 Datasheet HTML 40Page - Analog Devices AD9625 Datasheet HTML 41Page - Analog Devices AD9625 Datasheet HTML 42Page - Analog Devices AD9625 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 37 of 72
DIGITAL OUTPUTS
INTRODUCTION TO THE JESD204B INTERFACE
The AD9625 digital output complies with the JEDEC Standard
No. JESD204B, Serial Interface for Data Converters. JESD204B is
a protocol to link the AD9625 to a digital processing device
over a serial interface up to and above 6.5 Gbps link speeds. The
benefits of the JESD204B interface over LVDS include a reduction
in required board area for data interface routing, and enabling
smaller packages for converter and logic devices. The AD9625
supports one, two, four, six, or eight output lanes.
The JESD204B data transmit block assembles the parallel data
from the ADC into frames and uses 8-bit/10-bit encoding as
well as optional scrambling to form serial output data. Lane
synchronization is supported using special characters during
the initial establishment of the link. Additional data that is used
to maintain synchronization is embedded in the data stream
thereafter. A JESD204B receiver is required to complete the
serial link. For additional details on the JESD204B interface,
users are encouraged to refer to the JESD204B standard.
The AD9625 JESD204B transmit block maps to two digital
down converters for the outputs of the ADC over a link. A
link can be configured to use up to eight JESD204B lanes.
The JESD204B specification refers to a number of parameters
to define the link, and these parameters must match between
the JESD204B transmitter (AD9625 output) and receiver
(FPGA, ASIC, or logic device).
Table 14 describes the JESD204B interface nomenclature (the
terms, converter device and link, are used interchangeably in
the specification).
Table 14. JESD204B Interface Nomenclature
Symbol
Description
S
Samples transmitted per single converter per frame cycle
M
Number of converters per converter device (link)
L
Number of lanes per converter device (link)
N
Converter resolution
N'
Total number of bits per sample
CF
Number of control words per frame clock cycle per
converter device (link)
CS
Number of control bits per conversion sample
K
Number of frames per multiframe
HD
High density mode
F
Octets per frame
C
Control bit (overrange, timestamp)
T
Tail bit
The AD9625 adheres to the JESD204B draft specification,
which provides a high speed, serial, embedded clock interface
standard for data converters and logic devices. It is designed as
an MCDA-ML, Subclass 1 device that uses the SYSREF± input
signal for multichip synchronization and deterministic latency.
This design adheres to the following basic JESD204B link config-
uration parameters:
M = 1 (single converter, always for AD9625)
L = 1 to 8 (up to eight lanes)
S = 4 (four samples per JESD204B frame)
F = 1, 2, 4, 8 (up to 8 octets per frame)
N’ = 12, 16 (12- or 16-bit JESD204B word size)
HD = 0, 1 (high density mode, sample span multiple lanes)
FUNCTIONAL OVERVIEW
The block diagram in Figure 87 shows the flow of data through
the JESD204B hardware from the sample input to the physical
output. The processing can be divided into layers that are
derived from the OSI model widely used to describe the
abstraction layers of communications systems. These are the
transport layer, data link layer, and physical layer (serializer).
Each of these layers are described in detail in the following
sections.
Transport Layer
The transport layer handles packing the data (consisting of
samples and optional control bits) into 8-bit words that are sent
to the data link layer. The transport layer is controlled by rules
derived from the link configuration data. It packs data according to
the rules, adding tail bits to fill gaps when required.
Data Link Layer
The data link layer is responsible for the low level functions of
passing data across the link. These include optionally scrambling
the data, handling the synchronization process for characters,
frames, and lanes across the links, encoding 8-bit data-words
into 10-bit characters, and inserting appropriate control
characters into the data output. The data link layer is also
responsible for sending the initial lane alignment sequence
(ILAS), which contains the link configuration data, used by
the receiver (Rx) to verify the settings in the transport layer.
Physical Layer
The physical layer consists of the high speed circuitry clocked at
the serial clock rate. The physical layer includes the serialization
circuits and the high speed drivers.
SAMPLE
CONSTRUCTION
FRAME
CONSTRUCTION
SCRAMBLER
ALIGNMENT
CHARACTER
GENERATION
8-BIT/10-BIT
ENCODER
CROSSBAR
MUX
SERIALIZER
OUTPUT
PROCESSED
SAMPLES
FROM ADC
DATA LINK
LAYER
TRANSPORT
LAYER
PHYSICAL
LAYER
Figure 87. Data Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com