Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9625 Datasheet HTML 42Page - Analog Devices AD9625 Datasheet HTML 43Page - Analog Devices AD9625 Datasheet HTML 44Page - Analog Devices AD9625 Datasheet HTML 45Page - Analog Devices AD9625 Datasheet HTML 46Page - Analog Devices AD9625 Datasheet HTML 47Page - Analog Devices AD9625 Datasheet HTML 48Page - Analog Devices AD9625 Datasheet HTML 49Page - Analog Devices AD9625 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 44 of 72
I0
Q0
I1
Q1
LOGICAL LANE 0 (L0)
LOGICAL LANE 1 (L1)
LOGICAL LANE 2 (L2)
LOGICAL LANE 3 (L3)
16
16
16
16
LOGICAL LANE 4 (L4)
LOGICAL LANE 5 (L5)
LOGICAL LANE 6 (L6)
LOGICAL LANE 7 (L7)
REMAP
I/Q TO
CONVERTER
SAMPLES
SAMPLE [N]
SAMPLE [N + 1]
SAMPLE [N + 2]
SAMPLE [N + 3]
48
ADC
JESD204X
INTERFACE
(M = 1; L = 8; S = 4;
F = 1; N = 16; N' = 16;
CF = 0; SCR = 0, 1;
HD = 1;
K = SEE SPECS)
12-BIT ADC
SAMPLES [N]
THROUGH [N + 3]
Figure 94. DDC Mapping
Table 19. DDC Remap I/Q to Converter Samples
Application Mode
Sample[N]
Sample[N + 1]
Sample[N + 2]
Sample[N + 3]
Single DDC
I0[N]
Q0[N]
I0[N + 1]
Q0[N + 1]
Dual DDCs
I0[N]
Q0[N]
I1[N]
Q1[N]
Table 20. DDC Mixed Bandwidth Mode
JESD204B Frame Number
Sample[N]
Sample[N + 1]
Sample[N + 2]
Sample[N + 3]
Frame 0
I0[N]
Q0[N]
I1[N]
Q1[N]
Frame 1
I0[N + 1]
Q0[N + 1]
I1[N]
Q1[N]
Frame 2
I0[N + 2]
Q0[N + 2]
I1[N + 1]
Q1[N + 1]
Frame 3
I0[N + 3]
Q0[N + 3]
I1[N + 1]
Q1[N + 1]
CHECKSUM
The JESD204B checksum value is sent with the configuration
parameters during the initial lane alignment sequence. Disabling
the checksum is primarily for debug purposes only.
8-BIT/10-BIT ENCODER CONTROL
The 8-bit/10-bit encoder must be controlled in the following
manner:
The bypass 8-bit/10-bit encoder is controlled by
Register 0x60, Bit 2 (0 = 8-bit/10-bit enabled; 1 =
8-bit/10-bit bypassed).
The invert 10-bit encoder is controlled by Register 0x060,
Bit 1 (0 = normal; 1 = invert).
The mirror 10-bit encoder is controlled by Register 0x060,
Bit 0 (0 = normal; 1 = mirrored).
The inversion of the 10-bit values allows the user to swap the
true/complement differential pins swapped on the boards. For
details about Register 0x060, see the Memory Map Register
section.
INITIAL LANE ALIGNMENT SEQUENCE (ILAS)
The AD9625 must support three different ILAS modes that are
controlled using Bits[3:2] in Register 0x05F as follows:
00: disabled
01: enabled
10: reserved
11: always on test mode
When enabled, the device must also support the capability to
repeat the ILAS using Bits[7:0] in Register 0x062 to determine
the number of times ILAS is repeated (0 = repeat 0 times, ILAS
runs one time only, 1 = repeat one time, ILAS runs twice, and
so forth). Because the number of frames per multiframe is
determined by the value of K, the total number of frames
transmitted during the initial lane alignment sequence is
4 × (K + 1) × (ILAS_COUNT + 1)
where the value of K is defined in Register 0x070, Bits[4:0].
Note that only values divisible by four can be used.
For details about Register 0x05F and Register 0x062, see the
Memory Map Register section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com