Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9625 Datasheet HTML 19Page - Analog Devices AD9625 Datasheet HTML 20Page - Analog Devices AD9625 Datasheet HTML 21Page - Analog Devices AD9625 Datasheet HTML 22Page - Analog Devices AD9625 Datasheet HTML 23Page - Analog Devices AD9625 Datasheet HTML 24Page - Analog Devices AD9625 Datasheet HTML 25Page - Analog Devices AD9625 Datasheet HTML 26Page - Analog Devices AD9625 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 21 of 72
100
90
80
70
60
50
40
30
20
10
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dB)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dB)
Figure 31. SNR/SFDR vs. Analog Input Amplitude at 2.5 GSPS, fIN = 1811 MHz
at AIN
60
48
49
50
51
52
53
54
55
56
57
58
59
0
3000
2500
2000
1500
1000
500
INPUT FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 32. SNR at 2.5 GSPS vs. Temperature (Input Network in Figure 76 Used
<2 GHz, Input Network in Figure 75 Used >2 GHz)
85
40
45
50
55
60
65
70
75
80
0
3000
2500
2000
1500
1000
500
INPUT FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 33. SFDR at 2.5 GSPS vs. Temperature (Input Network in Figure 76
Used <2 GHz, Input Network in Figure 75 Used >2 GHz)
120
0
100
80
60
40
20
–90
–10
–20
–30
–40
–50
–60
–70
–80
AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 34. Two Tone SFDR and IMD3 vs. Analog Input Amplitude at 2.5 GSPS
at 1800 MHz AIN
120
0
100
80
60
40
20
–90
–10
–20
–30
–40
–50
–60
–70
–80
AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 35. Two Tone SFDR and IMD3 vs. Analog Input Amplitude at 2.5 GSPS
at 230 MHz AIN
120
0
100
80
60
40
20
–90
–10
–20
–30
–40
–50
–60
–70
–80
AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 36. Two Tone SFDR and IMD3 vs. Analog Input Amplitude at 2.5 GSPS
at 730 MHz AIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com