Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9625 Datasheet HTML 61Page - Analog Devices AD9625 Datasheet HTML 62Page - Analog Devices AD9625 Datasheet HTML 63Page - Analog Devices AD9625 Datasheet HTML 64Page - Analog Devices AD9625 Datasheet HTML 65Page - Analog Devices AD9625 Datasheet HTML 66Page - Analog Devices AD9625 Datasheet HTML 67Page - Analog Devices AD9625 Datasheet HTML 68Page - Analog Devices AD9625 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 63 of 72
Table 74. JESD204B Configuration Register, Address 0x073 (Default = 0x2F)
Bit No.
Access
Bit Description
[7:5]
RW
JESD204B device subclass version.
0x0: Subclass 0.
0x1: Subclass 1 (default).
0x2: Subclass 2 (not supported).
0x3: undefined.
[4:0]
RW
JESD204B total number of bits per sample (N' = Register 0x073[4:0] + 1).
0x0 to 0xA: unused.
0xB: N' = 12 (L must be equal to 6).
0xC to 0xE: unused.
0xF: N' = 16 (L must be equal to 1, 2, 4, or 8).
Table 75. JESD204B Configuration Register, Address 0x074 (Default = 0x23)
Bit No.
Access
Bit Description
[7:5]
RW
JESD204B version.
0x0: JESD204A. SYNCINB± pins input are internally gated by the frame clock. SYNCINB± must be low for at least
two frame clock cycles to be interpreted as a synchronization request.
0x1: JESD204B. SYNCINB± pins input are internally gated by the local multiframe clock. SYNCINB± must be low
for at least four frame clock cycles to be interpreted as a synchronization request.
0x2 to 0x7: undefined.
[4:0]
RO
JESD204B samples per converter frame cycle (S = Register 0x074[4:0] + 1). These are read-only bits. For the
AD9625, S must be equal to 4 (Register 0x074[4:0] = 3).
Table 76. JESD204B Configuration Register, Address 0x075 (Default = 0x80)
Bit No.
Access
Bit Description
7
RO
JESD204B high density (HD) format. This is a read-only bit.
0: HD format disabled.
1: HD format enabled. High density mode is automatically enabled based on the values of N' and L.
The values of HD for the AD9625 are as follows:
N' = 16, L = 1, HD = 0.
N' = 16, L = 2, HD = 0.
N' = 16, L = 4, HD = 0.
N' = 12, L = 6, HD = 1.
N' = 16, L = 8, HD = 1 (default).
[6:5]
Unused.
[4:0]
RO
JESD204B Number of control words per frame clock cycle per link (CF). These are read-only bits. For the AD9625,
CF must equal 0 (Register 0x075[4:0] = 0).
Table 77. JESD204B Configuration Register, Address 0x076 (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
JESD204B Serial Reserved Field 1.
Table 78. JESD204B Configuration Register, Address 0x077 (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
JESD204B Serial Reserved Field 2.
Table 79. JESD204B Configuration Register, Address 0x078 (Default = 0xC3)
Bit No.
Access
Bit Description
[7:0]
RO
JESD204B serial checksum value for Lane 0. This value is automatically calculated The value = (the sum of all link
configuration parameters for Lane 0) Modulus 256. Checksum is enabled/disabled using Register 0x061, Bit 7.
Table 80. JESD204B Configuration Register, Address 0x079 (Default = 0xC4)
Bit No.
Access
Bit Description
[7:0]
RO
JESD204B serial checksum value for Lane 1. This value is automatically calculated. The value = (the sum of all link
configuration parameters for Lane 1) Modulus 256. Checksum is enabled/disabled using Register 0x061, Bit 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com