Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9625 Datasheet HTML 11Page - Analog Devices AD9625 Datasheet HTML 12Page - Analog Devices AD9625 Datasheet HTML 13Page - Analog Devices AD9625 Datasheet HTML 14Page - Analog Devices AD9625 Datasheet HTML 15Page - Analog Devices AD9625 Datasheet HTML 16Page - Analog Devices AD9625 Datasheet HTML 17Page - Analog Devices AD9625 Datasheet HTML 18Page - Analog Devices AD9625 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 13 of 72
Pin No.
Mnemonic
Type
Description
N1
DRVDD1
Power
Serial Digital Power Supply (1.3 V).
N2
SERDOUT[7]+
Output
Lane 7 CML Output Data, True.
N3
SERDOUT[6]+
Output
Lane 6 CML Output Data, True.
N4
SERDOUT[5]+
Output
Lane 5 CML Output Data, True.
N5
SERDOUT[4]+
Output
Lane 4 CML Output Data, True.
N6
DRVDD1
Power
Serial Digital Power Supply (1.3 V).
N7
SERDOUT[3]+
Output
Lane 3 CML Output Data, True.
N8
SERDOUT[2]+
Output
Lane 2 CML Output Data, True.
N9
SERDOUT[1]+
Output
Lane 1 CML Output Data, True.
N10
SERDOUT[0]+
Output
Lane 0 CML Output Data, True.
N11
DRVDD1
Power
Serial Digital Power Supply (1.3 V).
N12
VP_BYP
Input
Voltage Bypass.
N13, N14
DRVDD2
Power
Power Supply (2.5 V) Reference Clock Divider for SYNCINB±, DIVCLK±.
P1
DRVDD1
Power
Serial Digital Power Supply (1.3 V).
P2
SERDOUT[7]−
Output
Lane 7 CML Output Data, Complement.
P3
SERDOUT[6]−
Output
Lane 6 CML Output Data, Complement.
P4
SERDOUT[5]−
Output
Lane 5 CML Output Data, Complement.
P5
SERDOUT[4]−
Output
Lane 4 CML Output Data, Complement.
P6
DRVDD1
Power
Serializer Digital Power Supply (1.30 V).
P7
SERDOUT[3]−
Output
Lane 3 CML Output Data, Complement.
P8
SERDOUT[2]−
Output
Lane 2 CML Output Data, Complement.
P9
SERDOUT[1]−
Output
Lane 1 CML Output Data, Complement.
P10
SERDOUT[0]−
Output
Lane 0 CML Output Data, Complement.
P11
DRVDD1
Power
Serializer Digital Power Supply (1.30 V).
P12
DRGND
Ground
Digital Driver Ground Supply. This pin connects to the digital driver ground plane.
P13
DIVCLK−
Output
Divide-by-4 Reference Clock LVDS, Complement.
P14
DIVCLK+
Output
Divide-by-4 Reference Clock LVDS, True.
1 N/A means not applicable.
Table 9. Pin Function Descriptions (By Function)1
Pin No.
Mnemonic
Type
Description
General Power and Ground Supply Pins
A1 to A3, A5, A8, A11, B1 to B4, B6, B8 to B11,
B13, B14, C1 to C5, C7, C9, C10, C12, C13, D5,
D6, D9, D10, E6, E9, E10, E13, E14, F6, F9, F10,
F13, G6, G9, G10, G13, H6, H9, H10, H13, H14,
J9, J10, J13, K5 to K13, L13, L14
AGND
Ground
ADC Analog Ground. These pins connect to the analog
ground plane.
J6
RBIAS_EXT
Input
Reference Bias. This pin requires an external 10 kΩ resistor
connected to ground.
Clock Pins
F14
CLK+
Input
ADC Clock Input, True.
G14
CLK−
Input
ADC Clock Input, Complement.
ADC Analog Power and Ground Supplies Pins
A6, A13, A14, B7, B12, C8, C11, D8, D11, E8,
E11, F8, F11, G8, G11, H8, H11, J8, J11
AVDD2
Power
ADC Analog Power Supply (2.50 V).
A4, B5, C6, C14, D7, D12 to D14, E7, E12, F7,
F12, G7, G12, H7, H12, J7, J12
AVDD1
Power
ADC Analog Power Supply (1.30 V).
A12
VM_BYP
Input
Voltage Bypass.
A1 to A3, A5, A8, A11, B1 to B4, B6, B8 to B11,
B13, B14, C1 to C5, C7, C9, C10, C12, C13,D5,
D6, D9, D10, E6, E9, E10, E13, E14, F6, F9, F10,
F13, G6, G9, G10, G13, H6, H9, H10, H13, H14,
J9, J10, J13, K5 to K13, L13, L14
AGND
Ground
ADC Analog Ground. These pins connect to the analog
ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com