Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 64 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9625 Datasheet HTML 60Page - Analog Devices AD9625 Datasheet HTML 61Page - Analog Devices AD9625 Datasheet HTML 62Page - Analog Devices AD9625 Datasheet HTML 63Page - Analog Devices AD9625 Datasheet HTML 64Page - Analog Devices AD9625 Datasheet HTML 65Page - Analog Devices AD9625 Datasheet HTML 66Page - Analog Devices AD9625 Datasheet HTML 67Page - Analog Devices AD9625 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 62 of 72
Bit No.
Access
Bit Description
[4:0]
RW
JESD204B serial lane control (L = Register 0x06E[4:0] + 1).
0: one lane per link (L = 1).
1: two lanes per link (L = 2).
2: unused.
3: four lanes per link (L = 4).
4: unused.
5: six lanes per link (L = 6).
6: unused.
7: eight lanes per link (L = 8).
8 to 31: unused.
Table 70. JESD204B Configuration Register, Address 0x06F (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RO
JESD204B number of octets per frame (F = Register 0x06F[7:0] + 1). These bits are calculated using the
following equation:
F = (Nʹ)/(2 × L)
The following are valid values of F:
M = 1, S = 4, N' = 16, L = 1, F = 8.
M = 1, S = 4, N' = 16, L = 2, F = 4.
M = 1, S = 4, N' = 16, L = 4, F = 2.
M = 1, S = 4, N' = 12, L = 6, F = 1.
M = 1, S = 4, N' = 16, L = 8, F = 1 (default).
Table 71. JESD204B Configuration Register, Address 0x070 (Default = 0x1F)
Bit No.
Access
Bit Description
[7:5]
Unused.
[4:0]
RW
JESD204B number of frames per multiframe (K = Register 0x070[4:0] + 1). Only those values that are divisible
by four can be used.
Table 72. JESD204B Configuration Register, Address 0x071 (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RO
JESD204B number of converters per link/device.
0: link connected to one ADC (M = 1).
1 to 255: unused.
Table 73. JESD204B Configuration Register, Address 0x072 (Default = 0x0B)
Bit No.
Access
Bit Description
[7:6]
RW
JESD204B number of control bits per sample (CS, based on the JESD204B specification).
00: no control bits sent per sample (CS = 0).
01: one control bit sent per sample, overrange bit enabled (CS = 1).
10: two control bits sent per sample, overrange + timestamp SYSREF bit (CS = 2).
11: reserved.
5
Unused.
[4:0]
RW
JESD204B converter resolution (N = Register 0x072[4:0] + 1).
0x00 to 0x06: reserved.
0x07 to 0x09: reserved.
0x0A: reserved.
0x0B: N = 12-bit ADC converter resolution.
0x0C to 0x0E: reserved.
0x0F: N = 16-bit ADC converter resolution.
0x10 to 0x1F: reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com