Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9625 Datasheet HTML 48Page - Analog Devices AD9625 Datasheet HTML 49Page - Analog Devices AD9625 Datasheet HTML 50Page - Analog Devices AD9625 Datasheet HTML 51Page - Analog Devices AD9625 Datasheet HTML 52Page - Analog Devices AD9625 Datasheet HTML 53Page - Analog Devices AD9625 Datasheet HTML 54Page - Analog Devices AD9625 Datasheet HTML 55Page - Analog Devices AD9625 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 50 of 72
APPLICATION
LAYER
DATA LINK,
TRANSPORT,
AND PHY LAYERS
fS × 2 APPLICATION LAYER (RECEIVE)
4/5 RATE EXCHANGE
CUSTOMER APPLICATION
USER
DEFINED
ADC SAMPLE N
(12 BITS)
ADC SAMPLE N + 1
(12 BITS)
ADC SAMPLE N + 2
(12 BITS)
ADC SAMPLE N + 3
(12 BITS)
48 BITS
@
fS/4
64 BITS
@
fS/5
64 BITS
@
fS/5
ADC SAMPLE N
(12 BITS)
ADC SAMPLE N + 1
(12 BITS)
ADC SAMPLE N + 2
(12 BITS)
ADC SAMPLE N + 3
(12 BITS)
ADC SAMPLE N + 4
(12 BITS)
(4 BITS)
S[N][11:0], S[N + 1][11:8]
(16 BITS)
S[N + 1][7:0], S[N + 2][11:4]
(16 BITS)
S[N + 2][3:0], S[N + 3][11:0]
(16 BITS)
S[N + 4][11:0], UD[3:0]
(16 BITS)
JESD SAMPLE N
(16 BITS)
JESD SAMPLE N + 1
(16 BITS)
JESD SAMPLE N + 2
(16 BITS)
JESD SAMPLE N + 3
(16 BITS)
JESD204B FRAMER + PHY
(M = 1; L = 8; S = 4; F = 1; N = 16; N' = 16; CF = 0; SCR = 0, 1; HD = 1; K = SEE SPEC
Figure 105. fS × 2 Application Layer (Receive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com