Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9625 Datasheet HTML 21Page - Analog Devices AD9625 Datasheet HTML 22Page - Analog Devices AD9625 Datasheet HTML 23Page - Analog Devices AD9625 Datasheet HTML 24Page - Analog Devices AD9625 Datasheet HTML 25Page - Analog Devices AD9625 Datasheet HTML 26Page - Analog Devices AD9625 Datasheet HTML 27Page - Analog Devices AD9625 Datasheet HTML 28Page - Analog Devices AD9625 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 23 of 72
0
–120
–100
–80
–60
–40
–20
0
250
500
750
1000
1250
FREQUENCY (MHz)
2500MSPS
fIN1 = 228.5MHz AT –7.0dBFS
fIN2 = 231.5MHz AT –7.0dBFS
SFDR = 76.7dBc
Figure 43. Two Tone FFT Plot at 2.5 GSPS, fIN1 = 228.5 MHz and
fIN2 = 231.5 MHz at AIN, −7.0 dBFS (SFDR = 76.7 dBc)
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0
4096
3072
2048
1024
CODES
Figure 44. Integral Nonlinearity (INL), ±1.0 LSB at 2.5 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com