Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 69 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9625 Datasheet HTML 65Page - Analog Devices AD9625 Datasheet HTML 66Page - Analog Devices AD9625 Datasheet HTML 67Page - Analog Devices AD9625 Datasheet HTML 68Page - Analog Devices AD9625 Datasheet HTML 69Page - Analog Devices AD9625 Datasheet HTML 70Page - Analog Devices AD9625 Datasheet HTML 71Page - Analog Devices AD9625 Datasheet HTML 72Page - Analog Devices AD9625 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 67 of 72
Table 94. Control Register, Address 0x08A (Default = 0x20)
Bit No.
Access
Bit Description
[7:6]
Unused.
[5:4]
RW
Reserved; Bits[5:4] must be set to 10.
[3:2]
Unused.
[1:0]
RW
Bits[1:0] must be set to 00 for LMFC JESD204B alignment with SYSREF±.
Bits[1:0] must be set to 10 for control bit timestamping with SYSREF±.
Table 95. JESD204B Local Multiframe Clock Offset Control Register, Address 0x08B (Default = 0x00)
Bit No.
Access
Bit Description
[7:5]
Unused.
[4:0]
RW
Local multiframe clock (LMFC) phase offset value. These bits provide the reset value for LMFC phase counter when
SYSREF± pins are asserted; this is used for deterministic delay applications.
Table 96. JESD204B Local Frame Clock Offset Control Register, Address 0x08C (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
Local frame clock phase offset value. Reset value for frame clock phase counter when SYSREF± pins are asserted. For
the AD9625, only values from 0 to 7 are valid. This is used for deterministic delay applications.
Table 97. DIVCLK± Register, Address 0x0F8 (Default = 0x00)
Bit No.
Access
Bit Description
[7:1]
RW
Spare customer register.
0
RW
Register control to set the ratio between ADC sampling clock and DIVCLK±.
0: divide by 4.
1: not used.
Table 98. Reserved Register, Address 0x0F9
Bit No.
Access
Bit Description
[7:0]
RW
Reserved.
Table 99. Customer Spare Register, Address 0x0FF (Default = 0x00)
Bit No.
Access
Bit Description
[7:1]
Unused.
0
RW
Register map master/slave transfer bit. Self-clearing bit used to synchronize the transfer of data from the master to
the slave registers.
0: no effect.
1: transfers data from the master registers, written by the register maps, to the slave registers.
Table 100. Interrupt Request (IRQ) Status Register, Address 0x100 (Default = 0x00)
Bit No.
Access
Bit Description
7
RO
Interrupt request PLL lock error.
1: the PLL is unlocked.
6
Unused.
5
RO
Unused.
4
RO
Unused.
3
RO
Interrupt request SYSREF± hold error.
1: a hold error has occurred with the last SYSREF± signal received. To clear this error, set and clear Bit 6 in Register
0x03A.
2
RO
Interrupt request SYSREF± setup error.
1: a setup error has occurred with the last SYSREF± signal received. To clear this error, set and clear Bit 6 in Register 0x03A.
1
Unused.
0
RO
Interrupt request clock error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com