Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9625 Datasheet HTML 25Page - Analog Devices AD9625 Datasheet HTML 26Page - Analog Devices AD9625 Datasheet HTML 27Page - Analog Devices AD9625 Datasheet HTML 28Page - Analog Devices AD9625 Datasheet HTML 29Page - Analog Devices AD9625 Datasheet HTML 30Page - Analog Devices AD9625 Datasheet HTML 31Page - Analog Devices AD9625 Datasheet HTML 32Page - Analog Devices AD9625 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 27 of 72
EQUIVALENT TEST CIRCUITS
15Ω
0.6pF
50Ω
0.2pF
0.5pF
0.2pF
VDD
AIN
VCM
890nH
Figure 61. Equivalent Analog Input Circuit
VDD
1kΩ
VDD
SCLK
Figure 62. Equivalent SCLK Circuit
2pF
DVDD
2kΩ
1kΩ
Figure 63. Equivalent VMON Temperature Sensor Circuit (DVDD)
AVDD
CLK+
AVDD
CLK–
0.88V
AVDD
20kΩ
20kΩ
Figure 64. Equivalent Clock Input Circuit
30kΩ
ESD
PROTECTED
ESD
PROTECTED
1kΩ
DVDD
CSB
Figure 65. Equivalent CSB/PWDN Input Circuit
DIVCLK
DRVDD
DRVDD
Figure 66. Equivalent DIVCLK Output Circuit (DRVDD)
DRGND
DRGND
DATA+
DATA–
DRVDD
DRVDD
OUTPUT
DRIVER
EMPHASIS/SWING
CONTROL (SPI)
Figure 67. Digital Outputs
DVDD2
DVDD2
SYNCINB–
200Ω
DVDD2
SYNCINB+
200Ω
100Ω
Figure 68. Equivalent SYNCINB± Input
30kΩ
ESD
PROTECTED
ESD
PROTECTED
1kΩ
DRVDD
DRVDD
SDI
SDIO
SDO
Figure 69. Equivalent SDIO Circuit
AVDD
SYSREF+
AVDD
SYSREF–
0.9V
AVDD
20kΩ
20kΩ
Figure 70. Equivalent SYSREF± Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com