Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9625 Datasheet HTML 29Page - Analog Devices AD9625 Datasheet HTML 30Page - Analog Devices AD9625 Datasheet HTML 31Page - Analog Devices AD9625 Datasheet HTML 32Page - Analog Devices AD9625 Datasheet HTML 33Page - Analog Devices AD9625 Datasheet HTML 34Page - Analog Devices AD9625 Datasheet HTML 35Page - Analog Devices AD9625 Datasheet HTML 36Page - Analog Devices AD9625 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 31 of 72
Figure 80 uses a 1:2 impedance transformer to provide the
100 Ω input impedance of the ADA4961 with a matched input.
The open collector outputs of the ADA4961 are biased through
the two 560 nH inductors. The two 0.1 μF capacitors on the
outputs decouple the 5 V inductor voltage from the input
common-mode voltage of the ADA4961. The two 50 Ω
resistors in parallel with the 100 Ω input impedance of the
AD9625 provide the 50 Ω load to the ADA4961, whose gain
is load dependent. The 2 nH inductors and the 1.5 pF internal
capacitance of the AD9625 constitute a 1 GHz low-pass filter to
−1 dB. The two 10 Ω isolation resistors suppress any switching
currents from the AD9625 sample-and-hold circuitry. The
circuit depicted in Figure 80 provides variable gain, isolation,
filtering and source matching for the AD9625. By using this
circuit with the ADA4961 in a gain of 15 dB (maximum gain)
an SNRFS of 55 dB and an SFDR performance of 77 dBc are
achieved with a 1 GHz input as shown in Figure 80.
0
–120
–100
–80
–60
–40
–20
FREQUENCY (MHz)
2500MSPS
1003.8MHz AT –1.0dBFS
SNR = 53.83dB
SFDR = 77.354dBc
0
150
5
23
6
+
300
450
600
750
900
1050
1200
4
Figure 77. Measured Single-Tone Performance of the Circuit Shown in
Figure 80 for a 1 GHz Input Signal Using Maximum Gain (15 dB)
The two-tone 1 GHz IMD of two 0.55 V p-p signals have an
SFDR of greater than 75 dBc, as shown in Figure 78.
0
–120
–100
–80
–60
–40
–20
FREQUENCY (MHz)
2500MSPS
fIN1 = 1022.3MHz AT –7.0dBFS
fIN2 = 1012.3MHz AT –7.0dBFS
SFDR = 75.8dBc
0
150
F2 – F1
F1 + F2
2F2 + F1
2F1 + F2
2F1 – F2
2F2 – F1
300
450
600
750
900
1050
1200
Figure 78. Measured Two-Tone Performance of the Circuit Shown in
Figure 80 for a 1 GHz input Signal Using Maximum Gain (15 dB)
10
–25
–20
–15
–10
–5
0
5
10
100
1000
10000
FREQUENCY (MHz)
Figure 79. Measured Frequency Response of the AD9625 Interface with
ADA4961 Depicted in Figure 80
AD9625
VCM
10Ω
10Ω
50Ω
50Ω
1.5pF
100Ω
MARKI
BAL-0006GSMG
1:2
+
VIN+
VIN–
2nH
2nH
0.1µF
0.1µF
0.1µF
0.1µF
5.0V
0.5nH
5.0V
5.0V
0.5nH
DIGITAL
INTERFACE
ADA4961
50Ω
BANDPASS
FILTER
AC
Figure 80. Configuration for Driving the AD9625 with ADA4961



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com