Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9625 Datasheet HTML 44Page - Analog Devices AD9625 Datasheet HTML 45Page - Analog Devices AD9625 Datasheet HTML 46Page - Analog Devices AD9625 Datasheet HTML 47Page - Analog Devices AD9625 Datasheet HTML 48Page - Analog Devices AD9625 Datasheet HTML 49Page - Analog Devices AD9625 Datasheet HTML 50Page - Analog Devices AD9625 Datasheet HTML 51Page - Analog Devices AD9625 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 46 of 72
CLK+
SYSREF–
SYSREF+
CLK–
HOLD IRQ ERROR
Figure 97. SYSREF± Edge Falls Within the Actual Hold Time Window and
Triggers an IRQ Error
IRQ Guardband Delays (SYSREF± Setup and Hold)
Additional guardband delays can be added to each of the default
setup and hold time windows. This yields more information to
the system about the placement of the SYSREF± edge within the
clock period and help identify the proximity of the SYSREF± edge
to the actual setup and hold time windows. With a default
setting of 00b for both setup and hold, each has seven
additional settings to increase the guardband timing feedback
information.
There are 3 bits that define the SYSREF± setup time guardband
located in Register 0x13C[7:5]. There are 3 bits that define the
SYSREF± hold time guardband located in Register 0x13B[7:5].
A setting of 000b for either is the default of no additional timing
guardband, with just the actual setup and hold time window
used as the IRQ.
The IRQ flag for the SYSREF± setup window is in Register
0x100[2], while the IRQ flag for the SYSREF± hold window is
in Register 0x100[3]. The IRQ flag mask for the SYSREF± setup
window is in Register 0x101[2], while the IRQ flag mask for the
SYSREF± hold window is in Register 0x101[3].
After each IRQ alert, the status needs to be cleared, as it does
not automatically clear itself, even if the alert conditions are no
longer valid. For either the SYSREF± setup or hold IRQ alert,
the status is cleared using Register 0x03A[6]. Setting Register
0x03A[6] = 1 clears and hold the IRQ in a reset value of 0. To
allow IRQ flags pertaining to SYSREF± again, set Register
0x03A[6] = 0.
CLK+
SYSREF–
SYSREF+
CLK–
SETUP AND
GUARDBAND TIME
HOLD AND
GUARDBAND TIME
SETUP GUARDBAND
IRQ DELAYS
HOLD GUARDBAND
IRQ DELAYS
Figure 98. SYSREF± Edge Falls Within the Guardbanded Setup Time Window
and Triggers an IRQ Error
In Figure 98, the SYSREF± edge meets the default setup and
hold time of the clock, but would trigger an IRQ event only if
certain setup time guardband delays were used. For this figure,
all of the setup guardband delays that would place the SYSREF±
crossing edge between it and the dotted black line would incur
an IRQ event equal to 1. All other settings would be 0. Because
there is no edge in the hold guardband delays, those would all
be 0 if they were set.
Table 21. IRQ Outcomes for All Setup or Hold Guardband
Settings for the Case in Figure 98
Setting/IRQ
Setup
Hold
000
0
0
001
0
0
010
0
0
011
0
0
100
1
0
101
1
0
110
1
0
111
1
0
CLK+
SYSREF–
SYSREF+
CLK–
SETUP AND
GUARDBAND TIME
HOLD AND
GUARDBAND TIME
SETUP GUARDBAND
IRQ DELAYS
HOLD GUARDBAND
IRQ DELAYS
Figure 99. SYSREF± Edge Falls Within the Guardbanded Hold Time Window
and Triggers an IRQ Error
In Figure 99, the SYSREF± edge misses the default setup and
hold time of the clock, but would trigger an IRQ event only if
certain hold time guardband delays were used. For this figure,
all of the hold guardband delays that would place the SYSREF±
crossing edge between it and the dotted black line would incur
an IRQ event equal to 1. All other settings would be 0. Because
there is no edge in the setup guardband delays, those would all
be 0 if they were set.
Table 22. IRQ Outcomes for All Setup or Hold Guardband
Settings Using the Case in Figure 99
Setting/IRQ
Setup
Hold
000
0
0
001
0
0
010
0
0
011
0
0
100
0
1
101
0
1
110
0
1
111
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com