Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9625 Datasheet HTML 66Page - Analog Devices AD9625 Datasheet HTML 67Page - Analog Devices AD9625 Datasheet HTML 68Page - Analog Devices AD9625 Datasheet HTML 69Page - Analog Devices AD9625 Datasheet HTML 70Page - Analog Devices AD9625 Datasheet HTML 71Page - Analog Devices AD9625 Datasheet HTML 72Page - Analog Devices AD9625 Datasheet HTML 73Page - Analog Devices AD9625 Datasheet HTML 74Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 74 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 72 of 72
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-275-GGAB-1.
0.80
0.80 REF
0.51 REF
0.75
REF
A
B
C
D
E
F
G
9
10
11
12
13
14
8 7
5
64
2
31
BOTTOM VIEW
10.40 SQ
H
J
K
L
M
N
P
DETAIL A
TOP VIEW
COPLANARITY
0.12
0.50
0.45
0.40
BALL DIAMETER
SEATING
PLANE
12.10
12.00 SQ
11.90
A1 BALL
PAD CORNER
A1 BALL
PAD CORNER
1.70
1.59
1.50
11.20 SQ
1.33
1.26
1.19
0.38
0.33
0.28
7.50
REF SQ
SIDE VIEW
DETAIL A
Figure 107. 196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
(BP-196-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9625BBPZ-2.5
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-196-2
AD9625BBPZ-2.0
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-196-2
AD9625BBPZ-2.6
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-196-2
AD9625BBP-2.6
−40°C to +85°C
196-Ball Ball Grid Array, PbSn, Thermally Enhanced [BGA_ED]
BP-196-2
AD9625BBP-2.5
−40°C to +85°C
196-Ball Ball Grid Array, PbSn, Thermally Enhanced [BGA_ED]
BP-196-2
AD9625BBPZRL-2.5
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED], 13”Tape and Reel
BP-196-2
AD9625BBPZRL-2.0
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED], 13”Tape and Reel
BP-196-2
AD9625BBPRL-2.5
−40°C to +85°C
196-Ball BGA, PbSn, Thermally Enhanced [BGA_ED], 13”Tape and Reel
BP-196-2
AD9625BBPRL-2.6
−40°C to +85°C
196-Ball BGA, PbSn, Thermally Enhanced [BGA_ED], 13”Tape and Reel
BP-196-2
AD9625-2.6EB
Evaluation Board with AD9625
AD9625-2.5EBZ
Evaluation Board with AD9625
AD9625-2.0EBZ
Evaluation Board with AD9625
1 Z = RoHS Compliant Part.
©2014–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11814-0-9/16(C)
www.analog.com/AD9625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com