Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 13Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 15Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 16Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 17Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 18Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 19Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 20Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 133 page
background image
SECTION 2
PCI 9080
BUS OPERATION
©
©PLX Technology, Inc., 1997
Page 9
Version 0.93
Table 2-8. Upper Word Lane Transfer
Burst Order
Byte Lane
First Transfer
Byte 0 appears on Local Data [31:24]
Byte 1 appears on Local Data [23:16]
Second Transfer
Byte 2 appears on Local Data [31:24]
Byte 3 appears on Local Data [23:16]
Table 2-9. Lower Word Lane Transfer
Burst Order
Byte Lane
First Transfer
Byte 0 appears on Local Data [15:8]
Byte 1 appears on Local Data [7:0]
Second Transfer
Byte 2 appears on Local Data [15:8]
Byte 3 appears on Local Data [7:0]
2.2.2.8.3 8 Bit Local Bus—Big Endian Mode
For an 8 bit local bus, the PCI 9080 can be programmed
to use the upper or lower byte lane. Byte lanes and burst
order are listed in Table 2-10 and Table 2-11.
Table 2-10. Upper Byte Lane Transfer
Burst Order
Byte Lane
First transfer
Byte 0 appears on Local Data [31:24]
Second transfer
Byte 1 appears on Local Data [31:24]
Third transfer
Byte 2 appears on Local Data [31:24]
Fourth transfer
Byte 3 appears on Local Data [31:24]
Table 2-11. Lower Byte Lane Transfer
Burst Order
Byte Lane
First Transfer
Byte 0 appears on Local Data [7:0]
Second Transfer
Byte 1 appears on Local Data [7:0]
Third Transfer
Byte 2 appears on Local Data [7:0]
Fourth Transfer
Byte 3 appears on Local Data [7:0]
For each of the following transfer types, the PCI 9080
local bus can be independently programmed to operate
in Little Endian or Big Endian mode:
•
Local bus accesses to PCI 9080 configuration
registers
•
Direct Slave PCI accesses to Local Address
Space 0
•
Direct Slave PCI accesses to Local Address
Space 1
•
Direct Slave PCI accesses to expansion ROM
•
DMA Channel 0 accesses to the local bus
•
DMA Channel 1 accesses to the local bus
For local bus configuration accesses, an input pin can
be used to dynamically change the Endian mode.
Note: PCI bus is always Little Endian mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com